Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI8440 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI8440 Datasheet HTML 4Page - Silicon Laboratories SI8440 Datasheet HTML 5Page - Silicon Laboratories SI8440 Datasheet HTML 6Page - Silicon Laboratories SI8440 Datasheet HTML 7Page - Silicon Laboratories SI8440 Datasheet HTML 8Page - Silicon Laboratories SI8440 Datasheet HTML 9Page - Silicon Laboratories SI8440 Datasheet HTML 10Page - Silicon Laboratories SI8440 Datasheet HTML 11Page - Silicon Laboratories SI8440 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Si8440/1/2
8
Rev. 0.3
Table 3. Electrical Characteristics
(VDD1 = 2.5 V, VDD2 = 2.5 V, TA = –40 to 100 C°)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
——
0.8
V
High Level Output Voltage
VOH
loh = –4 mA
VDD1,VDD2 –0.4
2.3
V
Low Level Output Voltage
VOL
lol = 4 mA
0.2
0.4
V
Input Leakage Current
IL
——
±10
µA
Enable Input High Current
IENH
VENx = VIH
—4
µA
Enable Input Low Current
IENL
VENx = VIL
—20
µA
DC Supply Current (All inputs 0 V or at supply)
Si8440-A,-B,-C, VDD1
All inputs 0 DC
6.8
mA
Si8440-A,-B,-C, VDD2
All inputs 0 DC
6.3
mA
Si8440-A,-B,-C, VDD1
All inputs 1 DC
12.5
mA
Si8440-A,-B,-C, VDD2
All inputs 1 DC
5.8
mA
Si8441-A,-B,-C, VDD1
All inputs 0 DC
7.8
mA
Si8441-A,-B,-C, VDD2
All inputs 0 DC
9.8
mA
Si8441-A,-B,-C, VDD1
All inputs 1 DC
12.5
mA
Si8441-A,-B,-C, VDD2
All inputs 1 DC
11
mA
Si8442-A,-B,-C, VDD1
All inputs 0 DC
8.8
mA
Si8442-A,-B,-C, VDD2
All inputs 0 DC
8.5
mA
Si8442-A,-B,-C, VDD1
All inputs 1 DC
11.5
mA
Si8442-A,-B,-C, VDD2
All inputs 1 DC
11.5
mA
10 Mbps Supply Current (All inputs = 5 MHz square wave, CI = 15 pF on all outputs)
Si8440-B,-C, VDD1
—10.2
mA
Si8440-B,-C, VDD2
—7
mA
Si8441-B,-C, VDD1
—10.5
mA
Si8441-B,-C, VDD2
—11.5
mA
Si8442-B,-C, VDD1
—11
mA
Si8442-B,-C, VDD2
—11
mA
100 Mbps Supply Current (All inputs = 50 MHz square wave, CI = 15 pF on all outputs)
Si8440-C, VDD1
—10.8
mA
Si8440-C, VDD2
—14.5
mA
Si8441-C, VDD1
—12.5
mA
Si8441-C, VDD2
—17
mA
Si8442-C, VDD1
—15
mA
Si8442-C, VDD2
—15
mA


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
Silicon image
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Silicon Laboratories
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Silicon Laboratories
Silicon Laboratories
SI8440AA-D-IS1 SILABS-SI8440AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8440AB-D-IS SILABS-SI8440AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
ON Semiconductor
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
Silicon Laboratories
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Analog Devices
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
Silicon image
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
STMicroelectronics
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
Silicon Laboratories
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com