Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI8440 Datasheet(PDF) 5 Page - Silicon Laboratories

Part # SI8440
Description  QUAD-CHANNEL DIGITAL ISOLATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8440 Datasheet(HTML) 5 Page - Silicon Laboratories

  SI8440 Datasheet HTML 1Page - Silicon Laboratories SI8440 Datasheet HTML 2Page - Silicon Laboratories SI8440 Datasheet HTML 3Page - Silicon Laboratories SI8440 Datasheet HTML 4Page - Silicon Laboratories SI8440 Datasheet HTML 5Page - Silicon Laboratories SI8440 Datasheet HTML 6Page - Silicon Laboratories SI8440 Datasheet HTML 7Page - Silicon Laboratories SI8440 Datasheet HTML 8Page - Silicon Laboratories SI8440 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Si8440/1/2
Rev. 0.3
5
Timing Characteristics
Maximum Data Rate
0
100
Mbps
Minimum Pulse Width
5
ns
Propagation Delay1
tPHL, tPLH
—7.5
ns
Pulse Width Distortion
|tPLH - tPHL|1
PWD
1
ns
Propagation Delay Skew2
tPSK
—6
ns
Channel-Channel Skew3
tPSKCD/OD
—0.5
ns
Output Rise Time
C1 = 15 pF
2
ns
Output Fall Time
C1 = 15 pF
2
ns
Common Mode Transient
Immunity at Logic Low Output4
CML
25
30
kV/µs
Common Mode Transient
Immunity at Logic High Output4
CMH
25
30
kV/µs
Enable to Data Valid
ten1
—5
ns
Enable to Data Tri-State
ten2
—5
ns
Start-up Time5
tSU
—3
µs
Notes:
1. tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling
edge of the VOx signal. tPLH propagation delay is measured from the 50% level of the rising edge of the VIx signal to the
50% level of the rising edge of the VOx signal.
2. tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating
temperature, supply voltages, and output load within the recommended operating conditions.
3. Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any
two channels with inputs on the same side of the isolation barrier. Opposing-directional channel-to-channel matching is
the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of
the isolation barrier.
4. CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is
the maximum common-mode voltage slew rate that can be sustained while maintaining VO < 0.8 V. The common-mode
voltage slew rates apply to both rising and falling common-mode voltage edges. The transient magnitude is the range
over which the common mode is slewed.
5. Start-up time is the time period from the application of power to valid data at the output.
Table 1. Electrical Characteristics (Continued)
(VDD1 = 5 V, VDD2 = 5 V, TA = –40 to 125 C°)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Figure 1. ENABLE Timing Diagram
Figure 2. Propagation Delay Timing
ENABLE
OUTPUTS
ten1
ten2
INPUT
(VIX)
OUTPUT
(VOX)
tPLH
tPHL
50%
50%


Similar Part No. - SI8440

ManufacturerPart #DatasheetDescription
Silicon image
Silicon image
Si8440 SILICONIMAGE-Si8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Silicon Laboratories
Silicon Laboratories
SI8440 SILABS-SI8440 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
SI8440 ETC2-SI8440 Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Silicon Laboratories
Silicon Laboratories
SI8440AA-D-IS1 SILABS-SI8440AA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
SI8440AB-D-IS SILABS-SI8440AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8440

ManufacturerPart #DatasheetDescription
Silicon Laboratories
Silicon Laboratories
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
ON Semiconductor
ON Semiconductor
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
Silicon Laboratories
Silicon Laboratories
SI8441AB-D-IS SILABS-SI8441AB-D-IS Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Analog Devices
Analog Devices
ADUM141ES AD-ADUM141ES Datasheet
1Mb / 22P
   150 MBPS Quad-Channel Digital Isolator
Silicon image
Silicon image
SI8442BA-D-IS1 SILICONIMAGE-SI8442BA-D-IS1 Datasheet
517Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
STMicroelectronics
STMicroelectronics
SI8641BD-B-IS STMICROELECTRONICS-SI8641BD-B-IS Datasheet
517Kb / 44P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
List of Unclassifed Manufacturers
List of Unclassifed Man...
SI8441AA ETC2-SI8441AA Datasheet
522Kb / 38P
   LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_14 Datasheet
899Kb / 17P
   Six-Channel Digital Isolator
Rev 2; 11/14
Silicon Laboratories
Silicon Laboratories
SI8430 SILABS-SI8430 Datasheet
627Kb / 30P
   TRIPLE-CHANNEL DIGITAL ISOLATOR
Maxim Integrated Products
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com