Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8250 Datasheet(PDF) 9 Page - Silicon Laboratories

Part # SI8250
Description  DIGITAL POWER CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI8250 Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI8250 Datasheet HTML 5Page - Silicon Laboratories SI8250 Datasheet HTML 6Page - Silicon Laboratories SI8250 Datasheet HTML 7Page - Silicon Laboratories SI8250 Datasheet HTML 8Page - Silicon Laboratories SI8250 Datasheet HTML 9Page - Silicon Laboratories SI8250 Datasheet HTML 10Page - Silicon Laboratories SI8250 Datasheet HTML 11Page - Silicon Laboratories SI8250 Datasheet HTML 12Page - Silicon Laboratories SI8250 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Si8250/1/2
Preliminary Rev. 0.8
9
Table 8. DPWM Specifications
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Clock Frequency
DPWMSP[4:3] = 00
200
MHz
DPWMSP[4:3] = 01
50
DPWMSP[4:3] = 1x
25
Resolution
No dithering
9
Bits
Dithering enabled
15
Time Resolution
DPWMSP[4:3] = 00
5
ns
DPWMSP[4:3] = 01
20
DPWMSP[4:3] = 1x
40
SYNC Pulse set-up time
SYNC signal minimum LOW time
before positive transition
3—
DPWM
clock cycles
PH Rise, Fall Time
50pF on pin
5
ns
Output Resistance High
IOUT =–5mA
75
Output Resistance Low
IOUT =8mA
40
Shutdown Supply Current
0.1
µA
Table 9. Bandgap Voltage Reference Specs
TA = –40 to +125 °C, VDD = 2.5 V, SYSCLK = 25 MHz, PLLCLK = 200 MHz unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage
1.20
V
Temperature Stability
–1
+1
%
Turn-on Response
(0.01%, 4.7 µF)
6.5
ms
no load
2
µs
Noise
4.7 µF
2
µV (RMS)
Bandgap Current
60
µA
Reference Buffer Current
30
µA
Power supply rejection
50
dB


Similar Part No. - SI8250

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI82520AB-AM1 SKYWORKS-SI82520AB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AB-IM1 SKYWORKS-SI82520AB-IM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-AS3 SKYWORKS-SI82520AD-AS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520AD-IS3 SKYWORKS-SI82520AD-IS3 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
SI82520BB-AM1 SKYWORKS-SI82520BB-AM1 Datasheet
721Kb / 28P
   4.0 A Symmetric Drive ISODrivers with 20 V VDDIH, Low Propagation Delay and High Transient Immunity.
Revision 206413A November, 2022
More results

Similar Description - SI8250

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS7401L FAIRCHILD-FMS7401L_05 Datasheet
1Mb / 81P
   Digital Power Controller
FMS7401 FAIRCHILD-FMS7401 Datasheet
1Mb / 80P
   Digital Power Controller
logo
Analog Devices
ADP1047 AD-ADP1047 Datasheet
1Mb / 84P
   Digital Power Factor Correction Controller
REV. 0
logo
Dialog Semiconductor
IW3614 DIALOG-IW3614 Datasheet
1Mb / 18P
   AC/DC Digital Power Controller
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
logo
Zilog, Inc.
IXRD1002 ZILOG-IXRD1002 Datasheet
1Mb / 15P
   High Power Digital Inrush Current Controller
logo
Dialog Semiconductor
IW3630 DIALOG-IW3630 Datasheet
412Kb / 7P
   AC/DC Digital Power Controller for High Power
IW1689 DIALOG-IW1689 Datasheet
973Kb / 17P
   Low-Power Off-line Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com