Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

531DA622M080BG Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 531DA622M080BG
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

531DA622M080BG Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button 531DA622M080BG Datasheet HTML 2Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 3Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 4Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 5Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 6Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 7Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 8Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 9Page - Silicon Laboratories 531DA622M080BG Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Si530/531
Preliminary Rev. 0.4
7
4. Outline Diagram and Suggested Pad Layout
Figure 2 illustrates the package details for the Si530/531. Table 10 lists the values for the dimensions shown in the
illustration.
Figure 2. Si530/531 Outline Diagram
Table 10. Package Diagram Dimensions (mm)
Dimension
Min
Nom
Max
A
1.45
1.65
1.85
b1.2
1.4
1.6
c0.60 TYP.
D
7.00 BSC.
D1
6.10
6.2
6.30
e
2.54 BSC.
E
5.00 BSC.
E1
4.30
4.40
4.50
L
1.07
1.27
1.47
S
1.815 BSC.
R
0.7 REF.
aaa
0.15
bbb
0.15
ccc
0.10
ddd
0.10


Similar Part No. - 531DA622M080BG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
531 INTEL-531 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
Oscilent Corporation
531 OSCILENT-531 Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
logo
GS Yuasa Battery Sales ...
531 GSYUASABATTERY-531 Datasheet
359Kb / 1P
   Capacity (20-hour) 135Ah
logo
OEN India Limited
531-1A-06D0 OENINDIA-531-1A-06D0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
More results

Similar Description - 531DA622M080BG

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com