Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3232 Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI3232
Description  DUAL PROGRAMMABLE CMOS SLIC WITH LINE MONITORING
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3232 Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI3232 Datasheet HTML 6Page - Silicon Laboratories SI3232 Datasheet HTML 7Page - Silicon Laboratories SI3232 Datasheet HTML 8Page - Silicon Laboratories SI3232 Datasheet HTML 9Page - Silicon Laboratories SI3232 Datasheet HTML 10Page - Silicon Laboratories SI3232 Datasheet HTML 11Page - Silicon Laboratories SI3232 Datasheet HTML 12Page - Silicon Laboratories SI3232 Datasheet HTML 13Page - Silicon Laboratories SI3232 Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 128 page
background image
Si3232
10
Preliminary Rev. 0.96
Table 5. Linefeed Characteristics
(VDD, VDD1–VDD4 = 3.13 to 3.47 V, TA = 0 to 70 °C for K-Grade, –40 to 85 °C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
DC Loop Current Accuracy
ILIM =18mA
±10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
——
±4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
320
DC On-Hook Voltage
Accuracy—Ground Start
VOHTO
IRING<ILIM; VRING wrt ground
VRING =–51 V
——
±4
V
DC Output Resistance—
Ground Start
RROTO
IRING<ILIM; RING to ground
320
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
300
k
Loop Closure Detect
Threshold Accuracy
ITHR =13mA
±10
±15
%
Ground Key Detect
Threshold Accuracy
ITHR =13mA
±10
±15
%
Ring Trip Threshold
Accuracy
ac Detection, VRING =70VPK,
ITH =80mA
—±4
±5
mA
dc detection,
20 V dc offset, ITH =13mA
—±1.5
±2
mA
Ringing Amplitude*
VRING
Open circuit, VBATH =100 V
93
VPK
5 REN load, RLOOP =0 Ω,
VBATH =100 V
82
VPK
Sinusoidal Ringing Total
Harmonic Distortion
RTHD
—2—
%
Ringing Frequency Accuracy
f = 16 Hz to 100 Hz
±1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF times
±50
ms
Calibration Time
↑CAL to ↓CAL bit
600
ms
Loop Voltage Sense
Accuracy
Accuracy of boundaries for each
output Code;
VTIP – VRING =48 V
—±2
±4
%
Loop Current Sense
Accuracy
Accuracy of boundaries for each
output code;
ILOOP =18mA
—±7
±10
%
Power Alarm Threshold
Accuracy
Power Threshold = 300 mW
±25
%
*Note: Ringing amplitude is set for 93 V peak using the RINGAMP RAM address and measured at TIP-RING using no series
protection resistance.


Similar Part No. - SI3232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3232 SILABS-SI3232 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
More results

Similar Description - SI3232

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
Silicon image
SI3225-FQ SILICONIMAGE-SI3225-FQ Datasheet
1Mb / 108P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
logo
STMicroelectronics
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
   Dual line programmable transient voltage suppressor for SLIC protection
LCDP1521S STMICROELECTRONICS-LCDP1521S Datasheet
607Kb / 13P
   Dual line programmable transient voltage suppressor for SLIC protection
February 2017 Rev 7
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
STMicroelectronics
LCDP1511D STMICROELECTRONICS-LCDP1511D Datasheet
56Kb / 6P
   DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
logo
Silicon Laboratories
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Winbond
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
Silicon Laboratories
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com