Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

552AB622M080BGR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # 552AB622M080BGR
Description  DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

552AB622M080BGR Datasheet(HTML) 4 Page - Silicon Laboratories

  552AB622M080BGR Datasheet HTML 1Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 2Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 3Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 4Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 5Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 6Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 7Page - Silicon Laboratories 552AB622M080BGR Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si552
4
Preliminary Rev. 0.2
Table 3. Environmental Conditions
Parameter
Conditions/ Test Method
Operating Temperature
–40 to +85 °C
Mechanical Shock
MIL-STD-883F, Method 2002.3 B
Mechanical Vibration
MIL-STD-883F, Method 2007.3 A
Solderability
MIL-STD-883F, Method 203.8
Gross & Fine Leak
MIL-STD-883F, Method 1014.7
Resistance to Solvents
MIL-STD-883F, Method 2016
Table 4. Pinout
Pin
Symbol
Function
1
Vc
Control Voltage
2
FS
Frequency Select
3
Gnd
Ground
4
Output
Oscillator Output
5
Coutput
(N/A for CMOS)
Complementary Output
(N/C for CMOS)
6VDD
Power Suppy Voltage


Similar Part No. - 552AB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
552AR-01LF ICST-552AR-01LF Datasheet
186Kb / 10P
   Oscillator, Multiplier, and Buffer with 8 Outputs
logo
Integrated Device Techn...
552AR-01LF IDT-552AR-01LF Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
logo
Renesas Technology Corp
552AR-01LF RENESAS-552AR-01LF Datasheet
402Kb / 12P
   OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
logo
Integrated Device Techn...
552AR-01LFT IDT-552AR-01LFT Datasheet
165Kb / 11P
   OSCILLATOR, MULTIPLIER,
logo
Renesas Technology Corp
552AR-01LFT RENESAS-552AR-01LFT Datasheet
402Kb / 12P
   OSCILLATOR, MULTIPLIER, AND BUFFER WITH 8 OUTPUTS
051310
More results

Similar Description - 552AB622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com