Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN67603NS Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN67603NS
Description  NTSC Color Camera Synchronizing Signal Generator LSI
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN67603NS Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN67603NS Datasheet HTML 1Page - Panasonic Semiconductor MN67603NS Datasheet HTML 2Page - Panasonic Semiconductor MN67603NS Datasheet HTML 3Page - Panasonic Semiconductor MN67603NS Datasheet HTML 4Page - Panasonic Semiconductor MN67603NS Datasheet HTML 5Page - Panasonic Semiconductor MN67603NS Datasheet HTML 6Page - Panasonic Semiconductor MN67603NS Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
For Video Equipment
MN67603NS
This pin switches the chip between external and internal
synchronization modes.
"H" level input produces external synchronization;
"L" level, internal synchronization.
Pin Descriptions (continued)
Pin No.
Symbol
Pin Name
Function Description
3
EX4fSCI
External clock input
Color subcarrier frequency (4fSC = 14.31818 MHz) input
"H" level input to the EXT/INT pin enables external clock
input. If this pin is not used, keep it at "L" level.
11
EX910fSCI External clock input
External 910fH (14.31818 MHz) input for horizontal and
vertical synchronizing signals
"H" level input to the EXT/INT pin enables external clock
input. If this pin is not used, keep it at "L" level.
8
EXT/INT
External/internal
synchronization switch
input
9
VR
Vertical reset input
When this pin detects falling edge input, synchronizing
signals are reset to the leading edge of the V-SERATION
signal.
The pin includes a built-in pull-up resistor.
12
TEST1
Test input
Test input
Keep this pin at "H" level.
The pin includes a built-in pull-up resistor.
10
TEST2
Test input
Test input
Keep this pin at "H" level.
The pin includes a built-in pull-up resistor.
6
SC1
fSC (R-Y) output
Color subcarrier frequency signal (3.58 MHz) formed by
dividing the crystal oscillator signal (4fSC) by four.
7
SC2
fSC (B-Y) output
Color subcarrier frequency signal (3.58 MHz) formed by
dividing the crystal oscillator signal (4fSC) by four.
This signal lags SC1 by 90
°.
20
SYNC
Composite synchronizing
Composite synchronizing signal
signal output
19
VD
Vertical drive output
Vertical drive output pin (9H)
18
WHD
Wide HD output
Wide HD signal
Preblanking signal with pulse width of 9.71 µs
17
BLK
Composite blanking
Composite blanking signal
signal output
This signal provides a horizontal blanking interval of
10.83 µs and a vertical blanking interval of 21H.
16
HD
Horizontal drive
Horizontal drive output signal
output
15
CP2
Clamp pulse output
Clamp pulses for luminance and color difference signals
Horizontal deflection start pulses
14
WBLK
Composite wide blanking
Composite wide blanking signal
output
This signal provides a horizontal blanking interval of
26.89 µs and a vertical blanking interval of 134.5H.
13
BF
Burst flag output
Gate signal for color subcarrier frequencies
The pulse width is 2.51 µs with the vertical interval (9H)
dropped out.


Similar Part No. - MN67603NS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
More results

Similar Description - MN67603NS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN676011NPS PANASONIC-MN676011NPS Datasheet
51Kb / 8P
   NTSC Color Camera Synchronizing Signal Generator LSI
MN67621F PANASONIC-MN67621F Datasheet
69Kb / 11P
   Color Video Camera Synchronizing Signal Generator LSI
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
CXD1217Q SONY-CXD1217Q Datasheet
192Kb / 12P
   Synchronizing Signal Generator for Video Camera
logo
Panasonic Semiconductor
MN6160P PANASONIC-MN6160P Datasheet
151Kb / 5P
   CMOS LSI Synchronizing Signal Generators for Color Video Cameras
logo
NEC
UPC1423 NEC-UPC1423 Datasheet
694Kb / 11P
   FOR COLOR TV COLOR SIGNALS, VIDEO SIGNAL, AND SYNCHRONIZING SIGNAL OF PAL/NTSC SYSTEM
logo
Sony Corporation
CXD3172AR SONY-CXD3172AR Datasheet
636Kb / 25P
   Signal Processor LSI for Single CCD Color Camera
logo
NEC
UPC1830 NEC-UPC1830 Datasheet
338Kb / 44P
   FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
logo
Sony Corporation
CXD3142R SONY-CXD3142R Datasheet
1Mb / 58P
   Signal Processor LSI for Single-Chip CCD Color Camera
CXD2163R SONY-CXD2163R Datasheet
1Mb / 57P
   SIGNAL PROCESSOR LSI FOR SINGLE-CHIP CCD COLOR CAMERA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com