Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI2109 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # SI2109
Description  SATELLITE RECEIVER FOR DVB-S/DSS
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI2109 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button SI2109 Datasheet HTML 2Page - Silicon Laboratories SI2109 Datasheet HTML 3Page - Silicon Laboratories SI2109 Datasheet HTML 4Page - Silicon Laboratories SI2109 Datasheet HTML 5Page - Silicon Laboratories SI2109 Datasheet HTML 6Page - Silicon Laboratories SI2109 Datasheet HTML 7Page - Silicon Laboratories SI2109 Datasheet HTML 8Page - Silicon Laboratories SI2109 Datasheet HTML 9Page - Silicon Laboratories SI2109 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
Si2107/08/09/10
6
Preliminary Rev. 0.7
Table 5. Receiver Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
RF input frequency range
fin
950
2150
MHz
Fine tune step size
fstep
—125
kHz
Symbol rate range
RS
1—
45
MBaud
Carrier offset correction range
fcar_off
±6—
MHz
Table 6. LNB Supply Characteristics (Si2108/10 Only)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Voltage
VLNB_IN
812
13.2
V
Converter Switch Frequency
237
264
290
kHz
Output HIGH voltage
VHIGH = 1010
17.75
18.625
19.5
V
VHIGH = 0000
17.0
18.0
19.0
V
Output LOW voltage
VLOW = 0110
12.75
13.375
14.0
V
VLOW = 0100
12.5
13.25
14.0
V
Low to High Transition Time
13 to 18 V
1
ms
High to Low Transition Time
18 to 13 V
1
ms
Line Regulation
VCC =8 to
13.2 V
Io =500 mA
——
200
ΔmV
Load Regulation
Io =50 to
500 mA
VCC =12V
——
200
ΔmV
Load Capacitance Tolerance
DiSEqC 1.x
0.75
µF
DiSEqC 2.x
0.25
µF
Output current limiting
ILIM = 00
400
550
mA
ILIM = 01
500
650
mA
ILIM = 10
650
850
mA
ILIM = 11
800
1000
mA
Maximum LNB Supply Current
IMAX = 01
1.4
1.6
1.92
A
Tone Frequency
ftone
20
22
24
kHz
Tone Amplitude
500
650
800
mV
Tone Duty Cycle
40
50
60
%
Tone Rise and Fall Time
3
6
10
µs
Tone Detector Frequency Capture
Range
17.6
26.4
kHz
Tone Detector Input Amplitude
200
1000
mVpp
Note: Specifications based on recommended schematics in Figure 5 and Figure 6.


Similar Part No. - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2109 SILABS-SI2109 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
SI2109-X-FM SILABS-SI2109-X-FM Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
More results

Similar Description - SI2109

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2107 SILABS-SI2107_06 Datasheet
1Mb / 94P
   SATELLITE RECEIVER FOR DVB-S/DSS WITH QUICKLOCK AND QUICKSCAN
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
   DVB/DSS Compliant Receiver
HDM8515 HYNIX-HDM8515 Datasheet
272Kb / 75P
   DVB/DSS Compliant Receiver
logo
NXP Semiconductors
TDA10085HT PHILIPS-TDA10085HT Datasheet
93Kb / 16P
   Single chip DVB-S/DSS channel receiver
2001 Aug 31
logo
Samsung semiconductor
S5H1420 SAMSUNG-S5H1420 Datasheet
849Kb / 31P
   Channel Decoder for DVB-S/DSS
logo
Intel Corporation
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
logo
Skyworks Solutions Inc.
SI2166-B22 SKYWORKS-SI2166-B22 Datasheet
176Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
November 17, 2021
logo
Silicon Laboratories
SI2166-B22 SILABS-SI2166-B22 Datasheet
161Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com