Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

532HA622M080BGR Datasheet(PDF) 2 Page - Silicon Laboratories

Part # 532HA622M080BGR
Description  DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

532HA622M080BGR Datasheet(HTML) 2 Page - Silicon Laboratories

  532HA622M080BGR Datasheet HTML 1Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 8Page - Silicon Laboratories 532HA622M080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si532
2
Preliminary Rev. 0.3
1. Electrical Specifications
Table 1. Si532 Electrical Specifications
Parameter
Min
Typ
Max
Units
Notes
Frequency
Nominal Frequency
LVDS/CML/LVPECL
CMOS
10
10
945
160
MHz
Specified at time of order by P/N.
Also available in bands from
970 to 1134 MHz and 1213 to
1417 MHz.
Initial Accuracy
–1.5
1.5
ppm
Measured at +25 °C at time of ship-
ping
Temperature Stability
–20
–50
+20
+50
ppm
Selectable option by P/N. See
Section 4. "Ordering Information" on
page 7.
Aging
±10
ppm
Frequency drift over projected 15 year
life
Outputs
Symmetry
45
55
%
LVPECL:
VDD – 1.3 V (differential)
LVDS:
1.25 V (differential)
CMOS:
VDD/2
RMS Jitter for FOUT > 500 MHz
12 kHz to 20 MHz
50 kHz to 80 MHz
0.27
0.30
ps
FOUT > 500 MHz
Differential Modes:
LVPECL/LVDS/CML
RMS Jitter for FOUT of 125 to
500 MHz
12 kHz to 20 MHz
—0.5
ps
125 < FOUT < 500 MHz
Differential Modes:
LVPECL/LVDS/CML
Period Jitter for FOUT <160 MHz
Peak-to-Peak
RMS
5
1
ps
Any output
N = 1000 cycles
LVPECL Output Option
mid-level
swing (diff)
swing (single-ended)
VDD – 1.42
1.1
0.50
VDD – 1.25
1.9
0.93
V
VPP
VPP
50
Ω to VDD – 2.0 V
LVDS Output Option
mid-level
swing (diff)
1.125
0.32
1.2
0.40
1.275
0.50
V
VPP
Rterm = 100 Ω (differential)
CML Output Option
mid-level
swing
0.70
VDD – 0.75
0.95
1.20
V
VPP
Rterm = 100
Ω (differential)


Similar Part No. - 532HA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
532 MARL-532 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
180Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   횠12.7mm mounting Product will operate over a wide voltage range
532-102-63 MARL-532-102-63 Datasheet
256Kb / 4P
   industrial panel lamps
532-102-6307 MARL-532-102-6307_15 Datasheet
256Kb / 4P
   Colour diffused lens
More results

Similar Description - 532HA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI552 SILABS-SI552 Datasheet
186Kb / 8P
   DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
SI552 SKYWORKS-SI552 Datasheet
499Kb / 15P
   999900999789989DUAL FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI554 SKYWORKS-SI554 Datasheet
517Kb / 15P
   QUAD FREQUENCY VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com