Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

531FA622M080BGR Datasheet(PDF) 6 Page - Silicon Laboratories

Part # 531FA622M080BGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

531FA622M080BGR Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button 531FA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 8Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 9Page - Silicon Laboratories 531FA622M080BGR Datasheet HTML 10Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Si530/531
6
Preliminary Rev. 0.4
3. Ordering Information
The Si530/531 XO was designed to support a variety of options including frequency, temperature stability, output
format, and VDD. Specific device configurations are programmed into the Si530/531 at time of shipment.
Configurations can be specified using the Part Number Configuration chart below. Silicon Laboratories provides a
web
browser-based
part
number
configuration
utility
to
simplify
this
process.
Refer
to
www.silabs.com/VCXOPartNumber to access this tool and for further ordering instructions. The Si530 and Si531
XO series are supplied in an industry-standard, RoHS compliant, 6-pad, 5 x 7 mm package. The 531 Series
supports an alternate OE pinout (pin #1) for the LVPECL, LVDS, and CML output formats. See Tables 8 and 9 for
the pinout differences between the Si530 and Si531 series.
Figure 1. Part Number Convention
530
X
XXXMXXX
X
1st Option Code
V
Output Format
A
3.3
LVPECL
B
3.3
LVDS
C
3.3 CMOS
D
3.3
CML
E
2.5
LVPECL
F
2.5
LVDS
G
2.5 CMOS
H
2.5
CML
J
1.8
CMOS
K
1.8
CML
Notes:
CMOS available to 160 MHz.
B
G
R
Frequency (e.g., 622M080 is 622.080 MHz)
Available frequency range is 10 to 945 MHz, 970 to 1134 MHz, and
1213 to 1417 MHz. The position of “M” shifts to denote higher or
lower frequencies.
Tape & Reel Packaging
Blank = Trays
Operating Temp Range (°C)
G
-40 to +85°C
Part Revision Letter
2nd Option Code
Temp Stability (ppm, max, ±)
A
50
B
20
530 XO Product
Family
Example P/N: 530AB622M080BGR is a 5 x 7 XO in a 6 pad package. The frequency is 622.080 MHz, with a 3.3 V supply and PECL output.
Temperature stability is specifed as ± 20 ppm. The part is specified for -40 to +85 °C ambient temperature range operation and is shipped in
tape and reel format.
DD


Similar Part No. - 531FA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
531 INTEL-531 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Marl International Limi...
531 MARL-531 Datasheet
317Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
Oscilent Corporation
531 OSCILENT-531 Datasheet
142Kb / 3P
   HCMOS / TTL / Clipped Sine
logo
GS Yuasa Battery Sales ...
531 GSYUASABATTERY-531 Datasheet
359Kb / 1P
   Capacity (20-hour) 135Ah
logo
OEN India Limited
531-1A-06D0 OENINDIA-531-1A-06D0 Datasheet
98Kb / 3P
   HEAVY DUTY RELAY
More results

Similar Description - 531FA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com