Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C512-35T Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IS61C512-35T
Description  64K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C512-35T Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IS61C512-35T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C512-35T Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IS61C512
Integrated Circuit Solution Inc.
1
SR011-0B
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product.
We assume no responsibility for any errors
which may appear in this publication.
© Copyright 2000, Integrated Circuit Solution Inc.
FEATURES
Pin compatible with 128K x 8 devices
High-speed access time: 15, 20, 25, 35 ns
• Low active power: 500 mW (typical)
Low standby power
— 250 µW (typical) CMOS standby
Output Enable (
OE) and two Chip Enable
(
CE1 and CE2) inputs for ease in applications
Fully static operation: no clock or refresh
required
TTL compatible inputs and outputs
Single 5V (±10%) power supply
DESCRIPTION
The
ICSI
IS61C512 is a very high-speed, low power, 65,536
word by 8-bit CMOS static RAMs. They are fabricated using
ICSI
's high-performance CMOS
technology. This highly
reliable process coupled with innovative circuit design
techniques, yields higher performance and low power con-
sumption devices.
When
CE1 is HIGH or CE2 is LOW (deselected), the device
assumes a standby mode at which the power dissipation can
be reduced down to 1 mW (typical) with CMOS input levels.
Easy memory expansion is provided by using two Chip Enable
inputs,
CE1 and CE2. The active LOW Write Enable (WE)
controls both writing and reading of the memory.
The IS61C512 is available in 32-pin 300mil DIP, SOJ and
8*20mm TSOP-1 packages.
IS61C512
64K x 8 HIGH-SPEED CMOS STATIC RAM
A0-A15
CE1
OE
WE
512 X 1024
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
CE2
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - IS61C512-35T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KI ISSI-IS61C5128AL-10KI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KLI ISSI-IS61C5128AL-10KLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TI ISSI-IS61C5128AL-10TI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C512-35T

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com