Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORNA50-1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ORNA50-1
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ORNA50-1 Datasheet(HTML) 1 Page - Vishay Siliconix

  ORNA50-1 Datasheet HTML 1Page - Vishay Siliconix ORNA50-1 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 60006
Revision 25-Jan-02
www.vishay.com
14
ORN (Divider)
Vishay Thin Film
VISHAY THIN FILM • FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31
• GERMANY +49.9287.710 FAX: +49 9287.70435
• ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
• ITALY + 39.2.300.11919 FAX: +39.2.300.11999
• JAPAN +81.42.729.0661 FAX: +81.42.729.3400
• SINGAPORE +65.788.6668 FAX: +65.788.0988
• SWEDEN +46.8.594.70590 FAX: +46.8.594.70581
• UK +44 191 514 8237 FAX: +44 1953 457 722
• USA +1 610 407-4800 FAX: +1 610 640-9081
FEATURES
• 0.068" (1.73mm) maximum seated height
• Rugged molded case construction with no internal solder
(JEDEC MS-012 standard)
• Highly stable thin film
• Low temperature coefficient
Actual Size
SCHEMATIC
87
6
5
12
3
4
R1
R2
R2
R1
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Vishay Thin Film ORN series Dividers provide optimum ratio
precision, small size and exceptional stability for most
applications. They offer a wide ratio range that is listed in
the selection guide and are available for immediate delivery.
The tight ratio tolerance offered on the standard ratios will
provide exceptional performance throughout life.
RATIO
R1
R2
100 :1
100K
1K
50 :1
50K
1K
25 :1
25K
1K
20 :1
20K
1K
10 :1
10K
1K
5 :1
10K
2K
2 :1
10K
5K
STANDARD DIVIDER RATIOS (R1 / R2)
TEST
SPECIFICATIONS
CONDITIONS
MATERIAL
TAMELOX®
TCR:
Tracking
± 5ppm/°C- 55°C to + 125°C
Absolute
± 25ppm/°C- 55°C to + 125°C
Tolerance:
Ratio
± 0.05%
+ 25
°C
Absolute
± 0.1%
+ 25
°C
Power Rating:
Resistor
100mWatt
Max. @ + 70
°C
Package
400mWatt
Max. @ + 70
°C
Stability:
R Absolute
500ppm
2000 hours @ + 70
°C
R Ratio
150ppm
2000 hours @ + 70
°C
Voltage Coefficient
< 0.1ppm/Volt
Working Voltage
50 Volts (Max.)
Operating Temperature Range
- 55
°C to + 125°C
Storage Temperature Range
- 55
°C to + 150°C
Noise
< - 30dB
Thermal EMF
0.08
µV/°C
Shelf Life Stability:
Absolute
100ppm
1 year @ + 25
°C
Ratio
20ppm
1 year @ + 25
°C
STANDARD ELECTRICAL SPECIFICATIONS
*Tantalum Nitride film is custom, consult factory.
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.05
q
TYPICAL PERFORMANCE


Similar Part No. - ORNA50-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA50R0AT0 VISHAY-ORNA50R0AT0 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
ORNA50R0AT1 VISHAY-ORNA50R0AT1 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
ORNA50R0AT3 VISHAY-ORNA50R0AT3 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
ORNA50R0AT5 VISHAY-ORNA50R0AT5 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
ORNA50R0ATF VISHAY-ORNA50R0ATF Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
More results

Similar Description - ORNA50-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com