Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

531BA622M080BGR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # 531BA622M080BGR
Description  CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

531BA622M080BGR Datasheet(HTML) 4 Page - Silicon Laboratories

  531BA622M080BGR Datasheet HTML 1Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 2Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 3Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 4Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 5Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 6Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 7Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 8Page - Silicon Laboratories 531BA622M080BGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Si530/531
4
Preliminary Rev. 0.4
Table 6. Absolute Maximum Ratings1
Parameter
Symbol
Rating
Units
Supply Voltage
VDD
–0.5 to +3.8
Volts
Input Voltage (any input pin)
VI
–0.5 to VDD + 0.3
Volts
Storage Temperature
TS
–55 to +125
ºC
ESD Sensitivity (HBM, per JESD22-A114)
ESD
>2500
Volts
Soldering Temperature (Pb-free profile)2
TPEAK
260
ºC
Soldering Temperature Time @ TPEAK (Pb-free profile)2
tP
10
seconds
Notes:
1. Stresses beyond those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional
operation or specification compliance is not implied at these conditions.
2. Refer to Si5xx Packaging FAQ available for download at www.silabs.com/VCXO for further information, including
soldering profiles.
Table 7. Environmental Compliance
The Si530/531 meets the following qualification test requirements.
Parameter
Conditions/ Test Method
Mechanical Shock
MIL-STD-883F, Method 2002.3 B
Mechanical Vibration
MIL-STD-883F, Method 2007.3 A
Solderability
MIL-STD-883F, Method 203.8
Gross & Fine Leak
MIL-STD-883F, Method 1014.7
Resistance to Solvents
MIL-STD-883F, Method 2016


Similar Part No. - 531BA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
531B ALPHAWIRE-531B Datasheet
67Kb / 2P
   Customer Specification
531BK078 ALPHAWIRE-531BK078 Datasheet
88Kb / 2P
   125 V Detachable Power Supply Cords
More results

Similar Description - 531BA622M080BGR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI533 SILABS-SI533 Datasheet
225Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
logo
Skyworks Solutions Inc.
SI533 SKYWORKS-SI533 Datasheet
488Kb / 12P
   DUAL-FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI534 SKYWORKS-SI534 Datasheet
512Kb / 12P
   QUAD FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
SI532 SKYWORKS-SI532 Datasheet
487Kb / 12P
   DUAL FREQUENCY CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
Rev. 1.4
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Silicon image
550AD30M7200DG SILICONIMAGE-550AD30M7200DG Datasheet
114Kb / 15P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com