Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74SSTU32864NB Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74SSTU32864NB
Description  25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74SSTU32864NB Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74SSTU32864NB Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74SSTU32864NB Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS8636B
07/26/04
PI74SSTU32864
25-Bit 1:1 or 14-Bit 1:2
Configurable Buffer
Pin Configuration 1:2 Register (C0 = 0, C1 = 1)
1
2
3
4
5
6
A
DCKE
NC
VREF
VDD
QCKEA QCKEB
B
D2
NC
GND
GND
Q2A
Q2B
C
D3
NC
VDD
VDD
Q3A
QODTB
D
DODT
NC
GND
GND
QODTA
Q4B
E
D5
NC
VDD
VDD
Q5A
Q5B
F
D6
NC
GND
GND
Q6A
Q6B
G
NC
RST
VDD
VDD
C1
C0
H
CK
DCS
GND
GND
QCSA
QCSB
J
CK
CSR
VDD
VDD
ZOH
ZOL
K
D8
NC
GND
GND
Q8A
Q8B
L
D9
NC
VDD
VDD
Q9A
Q9B
M
D10
NC
GND
GND
Q10A
Q10B
N
D11
NC
VDD
VDD
Q11A
Q11B
P
D12
NC
GND
GND
Q12A
Q12B
R
D13
NC
VDD
VDD
Q13A
Q13B
T
D14
NC
VREF
VDD
Q14A
Q14B
Pin Configuration 1:1 Register (C0 = 0, C1 = 0)
1
2
3
4
5
6
A
DCKE
NC
VREF
VDD
QCKE
NC
B
D2
D15
GND
GND
Q2
Q15
C
D3
D16
VDD
VDD
Q3
Q15
D
DODT
NC
GND
GND
QODT
NC
E
D5
D17
VDD
VDD
Q5
Q17
F
D6
D18
GND
GND
Q6
Q18
G
NC
RST
VDD
VDD
C1
C0
H
CK
DCS
GND
GND
QCS
NC
J
CK
CSR
VDD
VDD
ZOH
ZOL
K
D8
D19
GND
GND
Q8
Q19
L
D9
D20
VDD
VDD
Q9
Q20
M
D10
D21
GND
GND
Q10
Q21
N
D11
D22
VDD
VDD
Q11
Q22
P
D12
D23
GND
GND
Q12
Q23
R
D13
D24
VDD
VDD
Q13
Q24
T
D14
D25
VREF
VDD
Q14
Q25


Similar Part No. - PI74SSTU32864NB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANB PERICOM-PI74SSTU32864ANB Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
PI74SSTU32864ANBE PERICOM-PI74SSTU32864ANBE Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
More results

Similar Description - PI74SSTU32864NB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
logo
Pericom Semiconductor C...
PI74SSTU32864A PERICOM-PI74SSTU32864A Datasheet
596Kb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Configurable Registered BufferTOOTHERCHANNELSCKCKRST1DC1RQCKEAQCKEB
logo
NXP Semiconductors
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
logo
Pericom Semiconductor C...
PI74SSTUA32864 PERICOM-PI74SSTUA32864 Datasheet
1Mb / 10P
   25-Bit 1:1 or 14-Bit 1:2 Confi gurable Registered Buff er
logo
Hitachi Semiconductor
HD74SSTV16857 HITACHI-HD74SSTV16857 Datasheet
138Kb / 15P
   1:1 14-bit SSTL-2 Registered Buffer
logo
NXP Semiconductors
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUB32866 NXP-SSTUB32866_10 Datasheet
248Kb / 30P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-15 April 2010
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUB32866 PHILIPS-SSTUB32866 Datasheet
154Kb / 29P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-9 October 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com