Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C512-20T Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IS61C512-20T
Description  64K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C512-20T Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IS61C512-20T Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C512-20T Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IS61C512
2
Integrated Circuit Solution Inc.
SR011-0B
PIN CONFIGURATION
32-Pin DIP and SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
NC
NC
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
A15
CE2
WE
A13
A8
A9
A11
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
PIN DESCRIPTIONS
A0-A15
Address Inputs
CE1
Chip Enable 1 Input
CE2
Chip Enable 2 Input
OE
Output Enable Input
WE
Write Enable Input
I/O0-I/O7
Input/Output
Vcc
Power
GND
Ground
TRUTH TABLE
Mode
WE
WE
WE
WE
WE
CE1
CE1
CE1
CE1
CE1
CE2
OE
OE
OE
OE
OE
I/O Operation
Vcc Current
Not Selected
X
H
X
X
High-Z
ISB1, ISB2
(Power-down)
X
X
L
X
High-Z
ISB1, ISB2
Output Disabled
H
L
H
H
High-Z
ICC1, ICC2
Read
H
L
H
L
DOUT
ICC1, ICC2
Write
L
L
H
X
DIN
ICC1, ICC2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TBIAS
Temperature Under Bias
–10 to +85
°C
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1.
Stress greater than those listed
under
ABSOLUTE
MAXIMUM
RATINGS may cause permanent
damage to the device. This is a
stress rating only and functional
operation of the device at these or
any other conditions above those
indicated in the operational sec-
tions of this specification is not
implied.
Exposure
to
absolute
maximum rating conditions for ex-
tended periods may affect reliabil-
ity.
PIN CONFIGURATION
32-Pin TSOP-1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
WE
CE2
A15
VCC
NC
NC
A14
A12
A7
A6
A5
A4
OE
A10
CE1
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3


Similar Part No. - IS61C512-20T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KI ISSI-IS61C5128AL-10KI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KLI ISSI-IS61C5128AL-10KLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TI ISSI-IS61C5128AL-10TI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C512-20T

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com