Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C512-20J Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IS61C512-20J
Description  64K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS61C512-20J Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IS61C512-20J Datasheet HTML 1Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 2Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 3Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 4Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 5Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 6Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 7Page - Integrated Circuit Solution Inc IS61C512-20J Datasheet HTML 8Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IS61C512
8
Integrated Circuit Solution Inc.
SR011-0B
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5
TH
ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw
ORDERING INFORMATION: IS61C512
Commercial Range: 0°C to + 70°C
Speed (ns) Order Part No.
Package
15
IS61C512-15J
300mil SOJ
15
IS61C512-15N
300mil DIP
15
IS61C512-15T
8*20mm TSOP-1
20
IS61C512-20J
300mil SOJ
20
IS61C512-20N
300mil DIP
20
IS61C512-20T
8*20mm TSOP-1
25
IS61C512-25J
300mil SOJ
25
IS61C512-25N
300mil DIP
25
IS61C512-25T
8*20mm TSOP-1
35
IS61C512-35J
300mil SOJ
35
IS61C512-35N
300mil DIP
35
IS61C512-35T
8*20mm TSOP-1
ORDERING INFORMATION: IS61C512
Industrial Range: –40°C to + 85°C
Speed (ns) Order Part No.
Package
15
IS61C512-15JI
300mil SOJ
15
IS61C512-15NI
300mil DIP
15
IS61C512-15TI
8*20mm TSOP-1
20
IS61C512-20JI
300mil SOJ
20
IS61C512-20NI
300mil DIP
20
IS61C512-20TI
8*20mm TSOP-1
25
IS61C512-25JI
300mil SOJ
25
IS61C512-25NI
300mil DIP
25
IS61C512-25TI
8*20mm TSOP-1
35
IS61C512-35JI
300mil SOJ
35
IS61C512-35NI
300mil DIP
35
IS61C512-35TI
8*20mm TSOP-1


Similar Part No. - IS61C512-20J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C5128AL ISSI-IS61C5128AL Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KI ISSI-IS61C5128AL-10KI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10KLI ISSI-IS61C5128AL-10KLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TI ISSI-IS61C5128AL-10TI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C5128AL-10TLI ISSI-IS61C5128AL-10TLI Datasheet
382Kb / 19P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C512-20J

ManufacturerPart #DatasheetDescription
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W24512A1111 WINBOND-W24512A1111 Datasheet
200Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS64C6416AL-15TLA3 ETC2-IS64C6416AL-15TLA3 Datasheet
97Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com