Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F334-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F334-GM
Description  25 MIPS, 2 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F334-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F334-GM Datasheet HTML 1Page - Silicon Laboratories C8051F334-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Small Form Factor
Copyright © 2005 by Silicon Laboratories
4.19.2005
Port 0
Latch
UART
2 kB
FLASH
256 Byte
SRAM
POR
SFR Bus
8
0
5
1
C
o
r
e
Timer 0,
1, 2, 3
3-Chnl
PCA/
WDT
10-bit
200 ksps
ADC
A
M
U
X
AIN0-AIN15
P
0
D
r
v
VDD
X
B
A
R
Reset
XTAL1
XTAL2
External
Oscillator
Circuit
System Clock
24.5 MHz (2%)
Internal
Oscillator
Analog/Digital
Power
Debug HW
VREF
SMBus
C2D
C2D
CP0
+
-
Temp
P0.0/VREF
P0.1/IDAC
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVST
P0.7
VDD
GND
RST/C2CK
Brown-
Out
P
1
D
r
v
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
SPI
Port 1
Latch
512 Byte
XRAM
P2.0/C2D
Port 2
Latch
VREF
80kHz
Internal
Oscillator
C8051F334
25 MIPS, 2 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
- Programmable throughput up to 200 ksps
- Up to 16 external inputs; programmable as single-ended or differential
- Reference from internal V
REF, VDD, or external pin
- Internal or external start of conversion sources
- Built-in temperature sensor (±3 °C)
Comparator
- Programmable hysteresis and response time
- Configurable to generate interrupts or reset
- Low current (0.4 µA)
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-system
debug (no emulator required)
- Provides breakpoints, single stepping, watchpoints
- Inspect/modify memory, registers, and stack
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
Supply Voltage: 2.7 to 3.6 V
- Typical operating current: 6.4 mA at 25 MHz
9 µA at 32 kHz
- Typical stop mode current: <0.1 µA
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 25 MIPS throughput with 25 MHz clock
- Expanded interrupt handler
Memory
- 768 bytes data RAM
- 2 kB Flash; in-system programmable in 512 byte sectors (512 bytes are
reserved)
Digital Peripherals
- 17 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports
available concurrently
- Programmable 16-bit counter/timer array with three capture/compare
modules, WDT
- 4 general-purpose 16-bit counter/timers
- Real-time clock mode using PCA or timer and external clock source
Clock Sources
- Two internal oscillators:
-24.5 MHz, 2% accuracy supports UART operation
-80 kHz low frequency, low-power
- External oscillator: Crystal, RC, C, or Clock (1 or 2 pin modes)
- Can switch between clock sources on-the-fly
Package
- 20-Pin QFN (lead-free package)
Ordering Part Numbers
- C8051F334-GM


Similar Part No. - C8051F334-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F334-GM SILABS-C8051F334-GM Datasheet
2Mb / 216P
   Mixed Signal ISP Flash MCU Family
C8051F334-GM SILABS-C8051F334-GM Datasheet
1Mb / 300P
   50 MIPS 16 kB Flash, 512B EEPROM Mixed-Signal MCU
C8051F334-GM SILABS-C8051F334-GM Datasheet
1Mb / 210P
   Mixed-Signal ISP Flash MCU
More results

Similar Description - C8051F334-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F330 SILABS-C8051F330 Datasheet
450Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
C8051F332 SILABS-C8051F332 Datasheet
424Kb / 2P
   25 MIPS, 4 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
C8051F330D SILABS-C8051F330D Datasheet
472Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
C8051F335 SILABS-C8051F335 Datasheet
421Kb / 2P
   25 MIPS, 2 kB Flash, 20-Pin Mixed-Signal MCU
C8051F019 SILABS-C8051F019 Datasheet
167Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F016 SILABS-C8051F016 Datasheet
420Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F018 SILABS-C8051F018 Datasheet
420Kb / 2P
   25 MIPS, 16 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F312 SILABS-C8051F312 Datasheet
172Kb / 2P
   25 MIPS, 8 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F017 SILABS-C8051F017 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 32-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com