Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MN662747RPH Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MN662747RPH
Description  Signal Processing LSI for CD Players
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN662747RPH Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MN662747RPH Datasheet HTML 1Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 2Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 3Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 4Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 5Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 6Page - Panasonic Semiconductor MN662747RPH Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
For Audio Equipment
MN662747RPH
Pin Descriptions (continued)
Pin No.
Symbol
I/O
Function Description
41
PLLF2
I/O
PLL loop filter characteristic selection pin.
42
PLAY
O
Play signal output.
"H" level: play.
43
WVEL
O
Double-speed status signal output.
"H" level: double-speed.
44
ARF
I
RF signal input.
45
IREF
I
Reference current input pin.
46
DRF
I
DSL bias pin.
47
DSLF
I/O
DSL loop filter pin.
48
PLLF
I/O
PLL loop filter pin.
49
VCOF
I/O
VCO loop filter pin.
50
AVDD2
I
Power supply for analog circuits (DSL, PLL, D/A converter output, and A/D
converter).
51
AVSS2
I
Ground for analog circuits (DSL, PLL, D/A converter output, and A/D
converter).
52
EFM
O
EFM signal output. EFM output when IOSEL is "H" level.
or CK384
•Crystal oscillator 16.9344-MHz clock output when I
•OSEL is "L" level.
•384 f
s output from signal processing block. (During
variable-pitch operation, this is the VCO clock.)
Commands permit switching among the above three outputs.
53
PCK
O
PLL derived clock or DSL balance output. fPCK =4.3218 MHz.
or DSLB
54
VCOF2
I/O
VCO loop filter pin.
55
SUBC
O
Subcode serial output.
56
SBCK
I
Serial clock input for subcode serial output.
57
VSS
I
Ground for oscillator circuit.
58
X1
I
Crystal oscillator circuit input/output pins. f=16.9344 MHz, 33.8688 MHz.
59
X2
O
Crystal oscillator circuit output/output pins. f=16.9344 MHz, 33.8688 MHz.
60
VDD
I
Oscillator circuit power supply.
61
BYTCK or
O
When IOSEL is "H" level, byte clock signal output.
TRVSTOP
When IOSEL is "L" level, traverse stop signal output. "H" level: stop mode.
62
CLDCK
O
Subcode frame clock signal output pin. (fCLDCK=7.35 kHz)
63
FCLK
O
Crystal frame clock signal output. (fFCLK=7.35 kHz)
64
IPFLAG
O
Interpolation flag signal output. "H" level: interpolation.
65
FLAG
O
Flag signal output.
33
TE
I
Tracking error signal input.
(analog input)
34
RFENV
I
RF envelope signal input.
(analog input)
35
VDET
I
Vibration detection signal input.
"H" level: vibration detected.
36
OFT
I
Offtrack signal input.
"H" level: offtrack.
37
TRCRS
I
Track cross signal input.
(analog input)
38
RFDET
I
RF detection signal input.
"L" level: detected.
39
BDO
I
Dropout signal input.
"H" level: dropout.
40
LDON
O
Laser ON signal output.
"H" level: ON.


Similar Part No. - MN662747RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN662740 PANASONIC-MN662740 Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
More results

Similar Description - MN662747RPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN662710RA PANASONIC-MN662710RA Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662740RE PANASONIC-MN662740RE Datasheet
33Kb / 3P
   Signal Processing LSI for CD Players
MN662741RH PANASONIC-MN662741RH Datasheet
32Kb / 3P
   Signal Processing LSI for CD Players
MN662724RPE PANASONIC-MN662724RPE Datasheet
42Kb / 7P
   Signal Processing LSI for CD Players
MN6626 PANASONIC-MN6626 Datasheet
28Kb / 3P
   Signal Processing LSI for CD Players
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
Panasonic Semiconductor
MN66271RA PANASONIC-MN66271RA Datasheet
50Kb / 6P
   Signal Processing LSI for Compact Disc Players
logo
Sanyo Semicon Device
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
logo
Panasonic Semiconductor
MN662750CDK PANASONIC-MN662750CDK Datasheet
494Kb / 7P
   Signal processing LSI for CD-ROM Drives
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com