Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1027 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX1027
Description  10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1027 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1027 Datasheet HTML 1Page - Maxim Integrated Products MAX1027 Datasheet HTML 2Page - Maxim Integrated Products MAX1027 Datasheet HTML 3Page - Maxim Integrated Products MAX1027 Datasheet HTML 4Page - Maxim Integrated Products MAX1027 Datasheet HTML 5Page - Maxim Integrated Products MAX1027 Datasheet HTML 6Page - Maxim Integrated Products MAX1027 Datasheet HTML 7Page - Maxim Integrated Products MAX1027 Datasheet HTML 8Page - Maxim Integrated Products MAX1027 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
10-Bit 300ksps ADCs with FIFO,
Temp Sensor, Internal Reference
_______________________________________________________________________________________
5
Note 9: This time is defined as the number of clock cycles needed for conversion multiplied by the clock period. If the internal refer-
ence needs to be powered up, the total time is additive. The internal reference is always used for temperature measurements.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Externally clocked conversion
208
SCLK Clock Period
tCP
Data I/O
100
ns
SCLK Duty Cycle
tCH
40
60
%
SCLK Fall to DOUT Transition
tDOT
CLOAD = 30pF
40
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 30pF
40
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 30pF
40
ns
DIN to SCLK Rise Setup
tDS
40
ns
SCLK Rise to DIN Hold
tDH
0ns
CS to SCLK Rise Setup
tCSS
40
ns
SCLK Rise to
CS Hold
tCSH
0ns
tCSW
CKSEL = 00, CKSEL = 01 (temp sense)
40
ns
CNVST Pulse Width
CKSEL = 01 (voltage conversion)
1.4
µs
tTS
Temp sense
56
Voltage conversion
7
CS or CNVST Rise to EOC
Low (Note 9)
tRP
Reference power-up
65
µs
TIMING CHARACTERISTICS (Figure 1)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
INTEGRAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
256
512
768
1024
DIFFERENTIAL NONLINEARITY
vs. OUTPUT CODE
OUTPUT CODE
SINAD vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
1000
Typical Operating Characteristics
(VDD = +3V, VREF = +2.5V, fSCLK = 4.8MHz, CLOAD = 30pF, TA = +25°C, unless otherwise noted.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn