Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F133 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F133
Description  100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F133 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F133 Datasheet HTML 1Page - Silicon Laboratories C8051F133 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose
Copyright © 2004 by Silicon Laboratories
8.9.2004
P0, P1,
P2, P3
Latches
JTAG
Logic
TCK
TMS
TDI
TDO
UART1
SMBus
SPI Bus
PCA
VDD
Monitor
Timers 0,
1, 2, 4
Timer 3/
RTC
P0
Drv
C
R
O
S
S
B
A
R
Port I/O
Config.
Crossbar
Config.
AV+
VDD
VDD
VDD
DGND
DGND
DGND
AGND
Reset
RST
Digital Power
Analog Power
Debug HW
Boundary Scan
P2.0
P2.7
P1.0/AIN2.0
P1.7/AIN2.7
P0.0
P0.7
P1
Drv
P2
Drv
Data Bus
Address Bus
Bus Control
VREF
ADC
100ksps
(10-Bit)
A
M
U
X
AIN0.0
AIN0.1
AIN0.2
AIN0.3
AIN0.4
AIN0.5
AIN0.6
AIN0.7
CP0+
CP0-
CP1+
CP1-
VREF
TEMP
SENSOR
UART0
P3.0
P3.7
P3
Drv
MONEN
WDT
VREF0
Prog
Gain
CP0
CP1
C
T
L
P4 Latch
D
a
t
a
P7 Latch
A
d
d
r
P5 Latch
P6 Latch
P7
DRV
P5
DRV
P6
DRV
P4
DRV
XTAL1
XTAL2
External Oscillator
Circuit
System
Clock
Calibrated Internal
Oscillator
PLL
Circuitry
256 byte
RAM
SFR Bus
8
0
5
1
C
o
r
e
8kbyte
XRAM
External Data
Memory Bus
FLASH
64kbyte
64x4 byte
cache
C8051F133
100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
Analog Peripherals
10-Bit ADC
- ±1 LSB INL; no missing codes
- Programmable throughput up to 100 ksps
- 8 external inputs; programmable as single-ended or differential
- Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
- Data-dependent windowed interrupt generator
- Built-in temperature sensor (±3 °C)
Two Comparators
Internal Voltage Reference
VDD Monitor/Brown-out Detector
On-Chip JTAG Debug & Boundary Scan
- On-chip debug circuitry facilitates full speed, non-intrusive in-system
debug (no emulator required)
- Provides breakpoints, single stepping, watchpoints, stack monitor
- Inspect/modify memory and registers
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
- IEEE1149.1 compliant boundary scan
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2
system clocks
- Up to 100 MIPS throughput with 100 MHz system clock
- 16 x 16 multiply/accumulate engine (2-cycle)
Memory
- 8448 bytes data RAM
- 64 kB Flash; in-system programmable in 1024-byte sectors (1024 bytes
are reserved)
- External parallel data memory interface
Digital Peripherals
- 32 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ Compatible), SPI™, and two UART serial
ports available concurrently
- Programmable 16-bit counter/timer array with six capture/compare
modules
- 5 general-purpose 16-bit counter/timers
- Dedicated watchdog timer; bidirectional reset
- Real-time clock mode using Timer 3 or PCA
Clock Sources
- Internal oscillator: 24.5 MHz, 2% accuracy supports UART operation
- On-chip programmable PLL: up to 100 MHz
- External oscillator: Crystal, RC, C, or Clock
Supply Voltage: 3.0 to 3.6 V
- Typical operating current: 50 mA at 100 MHz
- Typical stop mode current: 0.4 µA
64-Pin TQFP
Temperature Range: –40 to +85 °C


Similar Part No. - C8051F133

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F133 SILABS-C8051F133 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F133 SILABS-C8051F133 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F133 SILABS-C8051F133 Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
C8051F133 SILABS-C8051F133 Datasheet
6Mb / 350P
   8K ISP FLASH MCU Family
Rev. 1.5
C8051F133-GQ SILABS-C8051F133-GQ Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F133

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F132 SILABS-C8051F132 Datasheet
184Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F131 SILABS-C8051F131 Datasheet
175Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F044 SILABS-C8051F044 Datasheet
438Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F042 SILABS-C8051F042 Datasheet
431Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F123 SILABS-C8051F123 Datasheet
179Kb / 2P
   100 MIPS, 128 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F022 SILABS-C8051F022 Datasheet
176Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F063 SILABS-C8051F063 Datasheet
429Kb / 2P
   25 MIPS, 64 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com