Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT36FA Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT36FA
Description  Music Synthesizer 8-Bit MCU
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36FA Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT36FA Datasheet HTML 1Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 2Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 3Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 4Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 5Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 6Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 7Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 8Page - Holtek Semiconductor Inc HT36FA Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
HT36FA
Music Synthesizer 8-Bit MCU
Block Diagram
Rev. 1.10
1
March 13, 2006
Features
· Operating voltage: 2.4V~5.0V
· Operating frequency:
X
¢tal: 6MHz~8MHz
ROSC: typ. 6MHz
· Built-in 128K´16-bit (2M-bit) ROM for program/data
shared
· Built-in 8 bit MCU with 208´8 bits RAM
· Two 8 bit programmable timer with 8 stage prescaler
· 24 bidirectional I/O lines
· Watchdog timer
· Four polyphonic synthesizer
· Stereo 16-bit DAC
· Oscillation modes: XTAL/RCOSC
· Low voltage reset
· Eight-level subroutine nesting
· Supports 8-bit table read instruction (TBLP)
· HALT function and wake-up feature reduce power
consumption
· Bit manipulation instructions
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· 20/32-pin SOP package
General Description
The HT36FA is an 8-bit high performance RISC archi-
tecture microcontroller specifically designed for various
music applications. It provides an 8-bit MCU and a
4-channel Wavetable synthesizer. It has a built-in 8-bit
microprocessor which controls the synthesizer to gen-
erate the melody by setting the special register. A HALT
feature is provided to reduce power consumption.
8 - B i t
M C U
1 2 8 K ´ 1 6 - b i t
R O M
2 0 8 ´ 8
R A M
M u l t i p l i e r / P h a s e
G e n e r a l
P A 0 ~ P A 7
P B 0 ~ P B 7
P C 0 ~ P C 7
O S C 1
O S C 2
R E S
1 6 - B i t
D A C
V D D
V S S
V D D A
L C H
V S S A
R C H
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT36FA

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36F2 HOLTEK-HT36F2 Datasheet
268Kb / 36P
   36Music Synthesizer 8-Bit MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results

Similar Description - HT36FA

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
   8-Bit Music Synthesizer MCU
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
   8-Bit Music Synthesizer MCU
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
   Music Synthesizer 8-Bit MCU
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
   Music Synthesizer 8-Bit MCU
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
   8-Bit Music Synthesizer MCU
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
   Music Synthesizer 8-Bit MCU
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2_05 Datasheet
347Kb / 39P
   8-Bit Music Synthesizer MCU
HT36B2 HOLTEK-HT36B2 Datasheet
146Kb / 11P
   8-Bit Music Synthesizer MCU
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
   Music Synthesizer 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com