Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23L25611-12 Datasheet(PDF) 6 Page - Macronix International

Part # 23L25611-12
Description  256M-BIT (16M x 16 / 32M x 8) MASK ROM WITH PAGE MODE (SSOP ONLY)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L25611-12 Datasheet(HTML) 6 Page - Macronix International

  23L25611-12 Datasheet HTML 1Page - Macronix International 23L25611-12 Datasheet HTML 2Page - Macronix International 23L25611-12 Datasheet HTML 3Page - Macronix International 23L25611-12 Datasheet HTML 4Page - Macronix International 23L25611-12 Datasheet HTML 5Page - Macronix International 23L25611-12 Datasheet HTML 6Page - Macronix International 23L25611-12 Datasheet HTML 7Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
P/N:PM0822
REV. 1.3, NOV. 21, 2002
MX23L25611
REVISION HISTORY
Revision #
Description
Page
Date
1.0
1. Changed heading as "RELIMINARY”
P1
SEP/06/2001
2. Modify Pin Configuration--Pin#6~15, Pin#24,25,68,69
P1
1.1
1. Modify Pin Configuration--Pin#10~14, 25,26
P1
SEP/07/2001
1.2
1. Modify Pin Configuration
P1
FEB/01/2002
2. Modify Operating Current:60mA-->30mA;
P1,2
Standby Currrent(CMOS):50uA-->15uA
3. Modify MODE SELECTION
P1
4. Add 120ns in AC Characteristics
P3
5. Add Order Informaion
P2
6. Modify 70 pin SOP --> 70 pin SSOP
P1,2,5
1.3
Modify Package Information
P5
NOV/21/2002


Similar Part No. - 23L25611-12

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L12810-10 MCNIX-23L12810-10 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
23L12810-12 MCNIX-23L12810-12 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
23L12810-15 MCNIX-23L12810-15 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
23L12810A-10 MCNIX-23L12810A-10 Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
23L12810A-12 MCNIX-23L12810A-12 Datasheet
179Kb / 6P
   128M-BIT PAGE MODE MASK ROM (SOP)
More results

Similar Description - 23L25611-12

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L36166 AMICC-A23L36166 Datasheet
190Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L51220 MCNIX-MX23L51220 Datasheet
178Kb / 7P
   512M-BIT (16M x 32) MASK ROM WITH PAGE MODE (SSOP ONLY) (for socket solution only)
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
logo
AMIC Technology
A23L3616 AMICC-A23L3616 Datasheet
193Kb / 10P
   8M X 16 / 16M X 8 BIT CMOS MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
AMIC Technology
A23L2617 AMICC-A23L2617 Datasheet
213Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
A23L26166 AMICC-A23L26166 Datasheet
197Kb / 11P
   4M X 16 / 8M X 8 BIT CMOS MASK ROM WITH PAGE MODE
logo
Macronix International
MX23L6411 MCNIX-MX23L6411 Datasheet
487Kb / 10P
   64M-BIT (8M x 8 / 4M x 16) Mask ROM with Page Mode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com