Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23L12810A-10 Datasheet(PDF) 5 Page - Macronix International

Part # 23L12810A-10
Description  128M-BIT PAGE MODE MASK ROM (SOP)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L12810A-10 Datasheet(HTML) 5 Page - Macronix International

  23L12810A-10 Datasheet HTML 1Page - Macronix International 23L12810A-10 Datasheet HTML 2Page - Macronix International 23L12810A-10 Datasheet HTML 3Page - Macronix International 23L12810A-10 Datasheet HTML 4Page - Macronix International 23L12810A-10 Datasheet HTML 5Page - Macronix International 23L12810A-10 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
P/N:PM1227
REV. 0.04, APR. 07, 2006
MX23L12810A
REVISION HISTORY
Revision Description
Page
Date
0.01
1. Added Note 2 in AC Characteristics
P2
DEC/05/2005
2. Modified Input Pulse Levels from 0V~3.0V to 0.4V~2.4V
P3
0.02
1. Modified Operating Current from 20mA to 25mA
P1,2
JAN/10/2006
2. Added access time:100ns
P1,2
0.03
1. Removed access time:90ns
P1,2
FEB/15/2006
2. Modified random read timing
P3
0.04
1. Modified random read timing
P3
APR/07/2006
2. Removed tAH in AC characteristics
P2


Similar Part No. - 23L12810A-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L12810-10 MCNIX-23L12810-10 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
23L12810-12 MCNIX-23L12810-12 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
23L12810-15 MCNIX-23L12810-15 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
More results

Similar Description - 23L12810A-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L12811 MCNIX-MX23L12811 Datasheet
180Kb / 6P
   128M-BIT (8M x 16) MASK ROM WITH PAGE MODE(SOP ONLY)
logo
Generalplus Technology ...
GPR23L12800B GENERALPLUS-GPR23L12800B Datasheet
317Kb / 11P
   128M-Bit Mask Rom
logo
Macronix International
MX23L12824 MCNIX-MX23L12824 Datasheet
163Kb / 7P
   128M-BIT MASK ROM
MX23L12810 MCNIX-MX23L12810 Datasheet
178Kb / 6P
   128M-BIT (8M x 16) MASK ROM (SOP ONLY)
logo
Generalplus Technology ...
GPR23L6411E GENERALPLUS-GPR23L6411E Datasheet
301Kb / 10P
   64M-Bit Page Mode Mask ROM
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Macronix International
MX23L6423A MCNIX-MX23L6423A Datasheet
184Kb / 6P
   64M-BIT PAGE MODE MASK ROM
MX23L6410A MCNIX-MX23L6410A Datasheet
327Kb / 7P
   64M-BIT PAGE MODE MASK ROM
MX23L12822 MCNIX-MX23L12822 Datasheet
41Kb / 7P
   128M-BIT (8M x 16 / 4M x 32) MASK ROM WITH PAGE MODE
MX23L12811-1 MCNIX-MX23L12811-1 Datasheet
590Kb / 8P
   NEW 128M-BIT (16M x 8 / 8M x 16) MASK ROM WITH PAGE MODE(TSOP PACKAGE)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com