Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT-20X Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CT-20X
Description  Cermet Trimmers, 15 Turns
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CT-20X Datasheet(HTML) 2 Page - Vishay Siliconix

  CT-20X Datasheet HTML 1Page - Vishay Siliconix CT-20X Datasheet HTML 2Page - Vishay Siliconix CT-20X Datasheet HTML 3Page - Vishay Siliconix CT-20X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Cermet Trimmers, 15 Turns
CT-20
Vishay
www.vishay.com
Document Number: 58000
2
Revision: 11-Nov-05
MECHANICAL SPECIFICATIONS
Mechanical Turn
15 turns
Operating Torque
35 mN·m
{357 gf·cm}
maximum
Mechanical Stop
Clutch action
Rotational Life
200 cycles
10
Ω ~ 200Ω
[
∆R/R ≤ ±
(0.5
Ω + 3 %)]
500
Ω ~ 5 MΩ
[
∆R/R ≤ ±
(0.5
Ω + 2 %)]
Terminal Strength
9 N {917 gf}
minimum
(Tensile strength)
Thrust To Rotor
10 N {1.02 kgf}
minimum
Solderability
235 °C, 2 s
ENVIRONMENTAL SPECIFICATIONS
∆R/R: Change in total resistance
S.S.: Setting stability
*Manufactured upon receipt of order basis.
CFCs, Halon, Carbon tetrachloride and designated bromic flame
retardant PBBOs and PBBs are not used in our products.
Thermal Shock
-65 ~ 125 °C
(0.5 h), 5 cycles
[
∆R/R ≤ 1 %]
[S.S.
≤ 1 %]
Humidity
-10 ~ 65 °C (Relative humidity
80 ~ 98 %), 10 cycles, 240 h
[
∆R/R ≤ 1 %]
Shock
981 m/s2, 6 ms
6 directions for 3 times each
[
∆R/R ≤ 1 %]
[S.S.
≤ 1 %]
Vibration
Amplitude 1.52 mm or
Acceleration 196 m/s2,
10 ~ 2000Hz, 3 directions, 12
times each
Load Life
70 °C, 0.5 W, 1000 h
[
∆R/R ≤ 2 %]
[S.S.
≤ 1 %]
Low Temperature Operation
-55 °C, 2 h
[
∆R/R ≤ 1 %]
[S.S.
≤ 2 %]
High Temperature Exposure
120 °C, 250 h
[
∆R/R ≤ 2 %]
[S.S.
≤ 2 %]
Immersion Seal
85 °C, 60 s
No leaks (No
continuous
bubbles)
Soldering Heat
350 °C, 3 s
[
∆R/R ≤ 1 %]
STANDARD RESISTANCE TABLE
NOMINAL
RESISTANCE
VALUES (
)
RESISTANCE
CODE
MAXIMUM INPUT
VOLTAGE (V)
MAXIMUM WIPER
CURRENT (mA)
10*
20*
50
100
200
500
100
200
500
101
201
501
1.00
2.00
5.00
7.07
10.0
15.8
100
100
100
70.7
50.0
31.6
1 k
2 k
5 k
10 k
20 k
50 k
102
202
502
103
203
503
22.4
31.6
50.0
70.7
100
158
22.4
15.8
10.0
7.07
5.00
3.16
100 k
200 k
500 k
1 M
2 M
5 M*
104
204
504
105
205
505
224
300
300
300
300
300
2.24
1.50
0.60
0.30
0.15
0.06
CONSTRUCTION
PART NAME
MATERIAL
FLAMMABILITY
1
Shaft
Brass, Nickel-plated
-
2
Housing
Polybutyleneterephthalate
UL-94V-0
3
Terminal pin
Copper, Solder-plated
-
4
Adhesive
Epoxy
UL-94V-0
5
Base element
Ceramic
-
6
Wiper
Multi metal alloy
7
Resistive element
RuO2 cermet
8
Slider block
Polybutyleneterephthalate
UL-94HB
9
Rubber cushion
Silicone rubber
-
10 Electrode
Ag-Pd cermet
1
2
3
5
6
7
8
9
10
4
PACKAGING SPECIFICATIONS
Vinyl bag packaging specifications
• Unit of bulk in vinyl bag packaging is 50 pcs. (CT-20PB is 25 pcs.) per pack.
• Boxing of bulk in vinyl bags is performed with 100 pcs. (CT-20PB is 50 pcs.) per box.


Similar Part No. - CT-20X

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
CT-20 RICHCO-CT-20 Datasheet
51Kb / 1P
   CORRUGATED TUBE
logo
List of Unclassifed Man...
CT-20 ETC-CT-20 Datasheet
85Kb / 1P
   Self-Adjusting EM Clutch
logo
Copal Electronics
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
logo
TEKTRONIX, INC.
CT-200-M TEKTRONIX-CT-200-M Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CT-200-S TEKTRONIX-CT-200-S Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
More results

Similar Description - CT-20X

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CT20EP103 COPAL-CT20EP103 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
CT-20 COPAL-CT-20 Datasheet
284Kb / 4P
   15 TURNS CERMET TRIMMERS
CT-94 COPAL-CT-94 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
CT94EW103 COPAL-CT94EW103 Datasheet
290Kb / 4P
   18 TURNS CERMET TRIMMERS
RJ-9 COPAL-RJ-9 Datasheet
277Kb / 4P
   18 TURNS CERMET TRIMMERS
TM-7 COPAL-TM-7 Datasheet
277Kb / 4P
   3 TURNS CERMET TRIMMERS
RJ-5 COPAL-RJ-5 Datasheet
92Kb / 4P
   14 TURNS CERMET TRIMMERS
CT-9 COPAL-CT-9 Datasheet
276Kb / 4P
   18 TURNS CERMET TRIMMERS
ST-5 COPAL-ST-5 Datasheet
128Kb / 6P
   SURFACE MOUNT CERMET TRIMMERS (14 TURNS)
logo
Vishay Siliconix
SM-4 VISHAY-SM-4 Datasheet
339Kb / 7P
   Surface Mount Cermet Trimmers (12 Turns)
Revision: 06-Mar-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com