Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8133BB Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8133BB
Description  White LED Driver IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8133BB Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8133BB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8133BB Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SM8133B
NIPPON PRECISION CIRCUITS INC.—7
AC Characteristics
GND = 0V, VIN = 3.6V, Ta = 25°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
SCK clock cycle
tSCK
2000
DC
ns
SCK HIGH-level pulse width
tWH
800
ns
SCK LOW-level pulse width
tWL
800
ns
EN setup time
tCS
1000
ns
EN hold time
tCH
800
ns
EN recovery time
tCR
1000
ns
Write data setup time
tDS
600
ns
Write data hold time
tDH
600
ns
Data input timing diagram
tCS
SCK
tWH
tWL
tSCK
EN
SDA
tCH
tCR
tDS
tDH


Similar Part No. - SM8133BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8133BB NPC-SM8133BB Datasheet
175Kb / 23P
   White LED Driver IC
More results

Similar Description - SM8133BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com