Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MN65771F Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part No. MN65771F
Description  Low Power 10-Bit 5 V CMOS A/D Converter for Image Processing
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

MN65771F Datasheet(HTML) 4 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
MN65771F
A/D, D/C Converters for Image Signal Processing
Pin Descriptions (continued)
Pin No.
Symbol
Function Description
41
N.C.
No connection
42
N.C.
No connection
43
AVSS
Ground for analog circuits
44
DVSS
Ground for digital circuits
45
DVDD
Power supply for digital circuits
46
UNDF
Underflow output
47
OVF
Overflow output
48
N.C.
No connection
Absolute Maximum Ratings
Ta=25˚C
Parameter
Symbol
Rating
Unit
Power supply voltage
VDD
– 0.3 to +7.0
V
Input voltage
VI
– 0.3 to VDD +0.3
V
Output voltage
VO
– 0.3 to VDD +0.3
V
Operating ambient temperature
Topr
–20 to +70
˚C
Storage temperature
Tstg
–55 to +125
˚C
Electrical Characteristics
VDD=AVDD=DVDD=3.0V, AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
min
typ
max
Unit
Power consumption
PC
FC=20MSPS
115
200
mW
(not including reference current)
Resolution
RES
10
bit
Linearity error
EL
fCLK=18MSPS
±1.3
±2.5
LSB
Differential linearity error
ED
VRT=4.0V
±1.0
±1.5
LSB
VBB=2.0V
Maximum conversion rate
FC(max.)
18
MSPS
Clock frequency
fCLK
1
18
MHz
Analog input dynamic range
DR
2VRT – VRB
V
Output
"H" level
IOH
VOH=VDD – 0.8V
–1.5
mA
current
"L" level
IOL
VOL=0.4V
1.5
mA
Output delay time
td
CL=20pF
10
20
30
ns
Analog input capacitance
CI
15
pF
Sampling delay
tsd
7ns
Recommended Operating Conditions
VDD=AVDD=DVDD=5.0V, DVDDL=3.3V, VSS=AVSS=DVSS=0V, Ta=25˚C
Parameter
Symbol
min
typ
max
Unit
Power supply voltage
VDD
4.50
5.00
5.50
V
Power supply voltage for digital output circuits
DVDDL
3.00
3.30
5.50
V
Digital input
"H" level
VIH
2.4
VDD
V
voltage
"L" level
VIL
VSS
0.8
V
Reference voltage "H" level
VRT
4.0
V
"L" level
VRB
2.0
V
Clock
"H" level pulse width
tWH
25
ns
"L" level pulse width
tWL
25
ns
Analog input voltage
VAIN
VSS
VDD
V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn