Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3B16861 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3B16861
Description  3.3V, 20-Bit, 2-Port NanoSwitch?
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16861 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3B16861 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16861 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16861 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16861 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B16861 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8175E
09/23/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI3B16861
3.3V, 20-Bit, 2-Port NanoSwitch™
Switching Characteristics over Operating Range
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25ns for 50pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational
delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its
interaction with the load on the driven side.
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
1
6
8
6
1
B
3
I
P
s
t
i
n
U
.
m
o
C
.
n
i
M.
x
a
M
t H
L
P
t L
H
P
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
)
3
,
2
(
x
A
o
t
x
B
,
x
B
o
t
x
A
CL
F
p
0
5
=
RL 5
=
0
s
m
h
o
0
5
2
.
0
s
n
t H
Z
P
t L
Z
P
e
m
i
T
e
l
b
a
n
E
s
u
B
x
B
r
o
x
A
o
t
x
E
B
CL
,
F
p
0
5
=
RL
,
s
m
h
o
0
0
5
=
Rs
m
h
o
0
0
5
=
15
.
4
t Z
H
P
t Z
L
P
e
m
i
T
e
l
b
a
s
i
D
s
u
B
x
B
r
o
x
A
o
t
x
E
B
15
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Per TTL driven input (control inputs only); A and B pins do not contribute to ICC.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
PowerSupplyCharacteristics
s
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
)
1
(
.
n
i
Me
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
I C
C
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
.
x
a
M
=V N
I
V
r
o
D
N
G
=
C
C
——
0
1
A
µ
∆I C
C
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
H
G
I
H
L
T
T
@
t
u
p
n
I
V C
C
.
x
a
M
=V N
I
V
0
.
3
=
)
3
(
——
0
5
7
I D
C
C
r
e
p
t
n
e
r
r
u
C
y
l
p
p
u
S
z
H
M
r
e
p
t
u
p
n
I
)
4
(
V C
C
,.
x
a
M
=
n
e
p
O
s
n
i
P
B
d
n
a
A
D
N
G
=
E
B
g
n
il
g
g
o
T
t
u
p
n
I
l
o
r
t
n
o
C
e
l
c
y
C
y
t
u
D
%
0
5
——
5
2
.
0/
A
m
z
H
M


Similar Part No. - PI3B16861

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16209 PERICOM-PI3B16209 Datasheet
70Kb / 3P
   3.3V, 18-Bit Bus Exchange Switch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210 PERICOM-PI3B16210 Datasheet
129Kb / 3P
   3.3V, Hot Insertion 20-Bit, 2-Port BusSwitch
PI3B16210A PERICOM-PI3B16210A Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16210AE PERICOM-PI3B16210AE Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
More results

Similar Description - PI3B16861

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32X384 PERICOM-PI3B32X384_06 Datasheet
308Kb / 4P
   3.3V, 20-Bit, 2-Port NanoSwitch
PI3B16210 PERICOM-PI3B16210 Datasheet
168Kb / 3P
   3.3V, 20-Bit, 2-Port NanoSwitch?
PI3B16245 PERICOM-PI3B16245 Datasheet
147Kb / 3P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B34X245 PERICOM-PI3B34X245 Datasheet
122Kb / 4P
   3.3V, 32-Bit, 2-Port NanoSwitch
PI3B3861 PERICOM-PI3B3861 Datasheet
174Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3125LEX PERICOM-PI3B3125LEX Datasheet
440Kb / 6P
   3.3V, 4-Bit, 2-Port Nanoswitch
PI3B16245 PERICOM-PI3B16245_04 Datasheet
149Kb / 5P
   3.3V, 16-Bit, 2-Port NanoSwitch?
PI3B3861 PERICOM-PI3B3861_10 Datasheet
735Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3384 PERICOM-PI3B3384 Datasheet
176Kb / 5P
   3.3V, 10-Bit, 2-Port, NanoSwitch
PI3B3245 PERICOM-PI3B3245 Datasheet
191Kb / 5P
   3.3V, Hot Insertion 8-Bit, 2-Port, NanoSwitch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com