Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F005 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F005
Description  25 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F005 Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F005 Datasheet HTML 1Page - Silicon Laboratories C8051F005 Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Mixed Signal
Copyright © 2004 by Silicon Laboratories
6.15.2004
Port 0
Latch
Port 1
Latch
JTAG
Logic
TCK
TMS
TDI
TDO
UART
SMBus
SPI Bus
5-Chnl
PCA
32 kB
FLASH
2048 Byte
XRAM
VDD
Monitor
SFR Bus
Port 2
Latch
Port 3
Latch
8
0
5
1
C
o
r
e
Timers
0,1,2
Timer 3
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P
1
D
r
v
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P
0
D
r
v
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P
3
D
r
v
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
P
2
D
r
v
C
R
O
S
S
B
A
R
S
W
I
T
C
H
AV+
AV+
VDD
VDD
VDD
DGND
DGND
DGND
AGND
AGND
Reset
RST
XTAL1
XTAL2
External
Oscillator
Circuit
System Clock
Internal
Oscillator
Digital Power
Analog Power
Debug HW
Boundary Scan
256 Byte
RAM
WDT
DAC1
DAC1
(12-Bit)
DAC0
(12-Bit)
ADC
100 ksps
(12-Bit)
A
M
U
X
AIN0.0
AIN0.1
AIN0.2
AIN0.3
AIN0.4
AIN0.5
AIN0.6
AIN0.7
DAC0
CP0+
CP0-
CP1+
CP1-
TEMP
SENSOR
VREF
Prog
Gain
CP0
CP1
VREF
C8051F005
25 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
Analog Peripherals
12-Bit ADC
- ±1 LSB INL; no missing codes
- Programmable throughput up to 100 ksps
- 8 external inputs; programmable as single-ended or differential
- Programmable amplifier gain: 16, 8, 4, 2, 1, 0.5
- Data-dependent windowed interrupt generator
- Built-in temperature sensor (±3 °C)
Two 12-Bit DACs
- Voltage output
- 10 µsec settling time
Two Comparators
- 16 programmable hysteresis values
- Configurable to generate interrupts or reset
Internal Voltage Reference
VDD Monitor/Brown-out Detector
On-Chip JTAG Debug
- On-chip emulation circuitry facilitates full-speed, non-intrusive, in-circuit
emulation
- Supports breakpoints, single stepping, watchpoints, inspect/modify
memory, and registers
- Superior performance to emulation systems using ICE-chips, target
pods, and sockets
- Fully compliant with IEEE 1149.1 specification
High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of Instructions in 1 or 2
system clocks
- Up to 25 MIPS throughput with 25 MHz clock
- Expanded interrupt handler; up to 21 interrupt sources
Memory
- 2304 bytes data RAM
- 32 kB Flash; in-system programmable in 512-byte sectors (512 bytes
are reserved)
Digital Peripherals
- 32 port I/O; all are 5 V tolerant
- Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports
available concurrently
- Programmable 16-bit counter/timer array with five capture/compare
modules
- 4 general-purpose 16-bit counter/timers
- Dedicated watchdog timer; bidirectional reset
Clock Sources
- Internal programmable oscillator: 2–16 MHz
- External oscillator: Crystal, RC, C, or Clock
- Can switch between clock sources on-the-fly
Supply Voltage: 2.7 to 3.6 V
- Typical operating current: 12.5 mA at 25 MHz
- Multiple power saving sleep and shutdown modes
64-Pin TQFP
Temperature Range: –40 to +85 °C


Similar Part No. - C8051F005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F005 ETC-C8051F005 Datasheet
1Mb / 170P
   Mixed-Signal 32KB ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F005 SILABS-C8051F005 Datasheet
5Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
C8051F005 SILABS-C8051F005 Datasheet
2Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
Rev. 1.7
C8051F005-GQR SILABS-C8051F005-GQR Datasheet
1Mb / 171P
   Mixed-Signal 32KB ISP FLASH MCU Family
More results

Similar Description - C8051F005

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F021 SILABS-C8051F021 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F007 SILABS-C8051F007 Datasheet
166Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 32-Pin Mixed-Signal MCU
C8051F067 SILABS-C8051F067 Datasheet
195Kb / 2P
   25 MIPS, 32 kB Flash, 16-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F040 SILABS-C8051F040 Datasheet
435Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F020 SILABS-C8051F020 Datasheet
178Kb / 2P
   25 MIPS, 64 kB Flash, 12-Bit ADC, 100-Pin Mixed-Signal MCU
C8051F000 SILABS-C8051F000 Datasheet
172Kb / 2P
   20 MIPS, 32 kB Flash, 12-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F006 SILABS-C8051F006 Datasheet
412Kb / 2P
   25 MIPS, 32 kB Flash, 12-Bit ADC, 48-Pin Mixed-Signal MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com