Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

23L3213-70 Datasheet(PDF) 3 Page - Macronix International

Part # 23L3213-70
Description  32M-BIT MASK ROM
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

23L3213-70 Datasheet(HTML) 3 Page - Macronix International

  23L3213-70 Datasheet HTML 1Page - Macronix International 23L3213-70 Datasheet HTML 2Page - Macronix International 23L3213-70 Datasheet HTML 3Page - Macronix International 23L3213-70 Datasheet HTML 4Page - Macronix International 23L3213-70 Datasheet HTML 5Page - Macronix International 23L3213-70 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
P/N:PM0716
REV. 1.7, JUN. 29, 2005
MX23L3213
AC Test Conditions
Input Pulse Levels
0V~ 3.0V
Input Rise and Fall Times
5ns
Input Timing Level
1.5V
Output Timing Level
1.5V
Output Load
See Figure
Note:No output loading is present in tester load board.
Active loading is used and under software programming control.
Output loading capacitance includes load board's and all stray capacitance.
DOUT
C<100pF
IOL (load)=1.6mA
IOH (load)=-0.4mA
TIMING DIAGRAM
RANDOM READ
Note:
30pF output load capacitance for 70 and 90ns
speed grade
100pF output load capacitance for 120ns speed
grade
tACE
tAA
tOH
tHZ
ADD
ADD
ADD
ADD
CE#
OE#
DATA
VALID
VALID
VALID
tRC
tOE
AC CHARACTERISTICS (Ta = -40
° C ~ 85° C, VCC = 2.7V~3.6V)
Item
Symbol
23L3213-70
23L3213-90
23L3213-10
23L3213-12
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
tRC
70ns
-
90ns
-
100ns
-
120ns
-
Address Access Time
tAA
-
70ns
-
90ns
-
100ns
-
120ns
Chip Enable Access Time
tACE
-
70ns
-
90ns
-
100ns
-
120ns
Output Enable Time
tOE
-
30ns
-
40ns
-
40ns
-
50ns
Output Hold After Address
tOH
0ns
-
0ns
-
0ns
-
0ns
-
Output High Z Delay
tHZ
-
20ns
-
20ns
-
20ns
-
20ns
Note:Output high-impedance delay (tHZ) is measured from OE# or CE# going high, and this parameter guaranteed
by design over the full voltage and temperature operating range - not tested.


Similar Part No. - 23L3213-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
23L3210-10 MCNIX-23L3210-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-12 MCNIX-23L3210-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-15 MCNIX-23L3210-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-70 MCNIX-23L3210-70 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
23L3210-90 MCNIX-23L3210-90 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - 23L3213-70

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR23L3200E GENERALPLUS-GPR23L3200E Datasheet
238Kb / 10P
   32M-BIT MASK ROM
logo
SONiX Technology Compan...
SNR032 SONIX-SNR032 Datasheet
250Kb / 10P
   32M-bit Mask ROM
logo
Macronix International
MX23L3212 MCNIX-MX23L3212 Datasheet
156Kb / 6P
   32M-BIT MASK ROM
MX23L3216 MCNIX-MX23L3216 Datasheet
39Kb / 5P
   32M-BIT MASK ROM
MX23L3214 MCNIX-MX23L3214 Datasheet
435Kb / 9P
   32M-BIT MASK ROM
logo
Generalplus Technology ...
GPR23L3211E GENERALPLUS-GPR23L3211E Datasheet
302Kb / 10P
   32M-Bit Page Mode Mask Rom
logo
Samsung semiconductor
K3P6C2000B-SC SAMSUNG-K3P6C2000B-SC Datasheet
63Kb / 4P
   32M-Bit (2Mx16 /1Mx32) CMOS MASK ROM
logo
Macronix International
MX23L3222 MCNIX-MX23L3222 Datasheet
37Kb / 6P
   32M-BIT MASK ROM (16/32 BIT OUTPUT)
MX23C3210 MCNIX-MX23C3210_99 Datasheet
118Kb / 8P
   32M-BIT MASK ROM (8/16-BIT OUTPUT)
logo
Samsung semiconductor
KM23V32005BG SAMSUNG-KM23V32005BG Datasheet
87Kb / 5P
   32M-Bit (4Mx8/2Mx16) COMS MASK ROM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com