Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3254 Datasheet(PDF) 18 Page - Macronix International

Part # MX23L3254
Description  32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3254 Datasheet(HTML) 18 Page - Macronix International

Back Button MX23L3254 Datasheet HTML 10Page - Macronix International MX23L3254 Datasheet HTML 11Page - Macronix International MX23L3254 Datasheet HTML 12Page - Macronix International MX23L3254 Datasheet HTML 13Page - Macronix International MX23L3254 Datasheet HTML 14Page - Macronix International MX23L3254 Datasheet HTML 15Page - Macronix International MX23L3254 Datasheet HTML 16Page - Macronix International MX23L3254 Datasheet HTML 17Page - Macronix International MX23L3254 Datasheet HTML 18Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
MX23L3254
MACRONIX INTERNATIONALCO., LTD.
Headquarters:
TEL:+886-3-578-6688
FAX:+886-3-563-2888
Europe Office :
TEL:+32-2-456-8020
FAX:+32-2-456-8021
Hong Kong Office :
TEL:+86-755-834-335-79
FAX:+86-755-834-380-78
Japan Office :
Kawasaki Office :
TEL:+81-44-246-9100
FAX:+81-44-246-9105
Osaka Office :
TEL:+81-6-4807-5460
FAX:+81-6-4807-5461
Singapore Office :
TEL:+65-6346-5505
FAX:+65-6348-8096
Taipei Office :
TEL:+886-2-2509-3300
FAX:+886-2-2509-2200
MACRONIX AMERICA, INC.
TEL:+1-408-262-8887
FAX:+1-408-262-8810
http : //www.macronix.com
MACRONIX INTERNATIONAL CO., LTD. reserves the right to change product and specifications without notice.


Similar Part No. - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com