Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX23L3254 Datasheet(PDF) 1 Page - Macronix International

Part # MX23L3254
Description  32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23L3254 Datasheet(HTML) 1 Page - Macronix International

  MX23L3254 Datasheet HTML 1Page - Macronix International MX23L3254 Datasheet HTML 2Page - Macronix International MX23L3254 Datasheet HTML 3Page - Macronix International MX23L3254 Datasheet HTML 4Page - Macronix International MX23L3254 Datasheet HTML 5Page - Macronix International MX23L3254 Datasheet HTML 6Page - Macronix International MX23L3254 Datasheet HTML 7Page - Macronix International MX23L3254 Datasheet HTML 8Page - Macronix International MX23L3254 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
MX23L3254
32M-BIT Low Voltage, Serial Mask ROM Memory with
50MHz SPI Bus Interface
FEATURES
32Mbit of Mask ROM
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
DESCRIPTION
The MX23L3254 is a 32Mbit (4M x 8) Serial Mask ROM
accessed by a high speed SPI-compatible bus.
PIN CONFIGURATIONS
SYMBOL
DESCRIPTION
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S#
Chip Select
HOLD#
Hold
VCC
Supply Voltage
VSS
Ground
PIN DESCRIPTION
16-PIN SOP (300 mil)
1
2
3
4
5
6
7
8
HOLD#
VCC
NC
NC
NC
NC
S#
Q
16
15
14
13
12
11
10
9
C
D
NC
NC
NC
NC
VSS
NC
Note:
1. NC=No Connection
2. See page 16 (onwards) for package dimensions, and
how to identify pin-1.
P/N: PM1167
REV. 1.2, JUN. 08, 2005
ORDER INFORMATION
Part No.
Speed
Package
Remark
MX23L3254MC-20
20ns
16-SOP
MX23L3254MC-20G
20ns
16-SOP
Pb-free
MX23L3254MI-20G
20ns
16-SOP
Pb-free (Industrial Grade)
Note:
* Industrial grade operating temperature: -25 ~ 85
° C
Commercial grade operating temperature: 0 ~ 70
° C


Similar Part No. - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-10 MCNIX-MX23L3210MC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-12 MCNIX-MX23L3210MC-12 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210MC-15 MCNIX-MX23L3210MC-15 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
MX23L3210RC-10 MCNIX-MX23L3210RC-10 Datasheet
624Kb / 10P
   32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results

Similar Description - MX23L3254

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPR26L320A GENERALPLUS-GPR26L320A Datasheet
274Kb / 16P
   32M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
GPR26L128A GENERALPLUS-GPR26L128A Datasheet
307Kb / 16P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L6454 MCNIX-MX23L6454 Datasheet
208Kb / 18P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L640A GENERALPLUS-GPR26L640A Datasheet
299Kb / 16P
   64M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Macronix International
MX23L12854 MCNIX-MX23L12854 Datasheet
203Kb / 18P
   128M-BIT Low Voltage, Serial Mask ROM Memory with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S064 NUVOTON-N55S064 Datasheet
196Kb / 17P
   64M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Macronix International
MX23L1654 MCNIX-MX23L1654 Datasheet
208Kb / 18P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Generalplus Technology ...
GPR26L080A GENERALPLUS-GPR26L080A Datasheet
287Kb / 17P
   8M-BIT Low Voltage, Serial Mask ROM with 50MHz SPI Bus Interface
GPR26L160A GENERALPLUS-GPR26L160A Datasheet
256Kb / 16P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
logo
Nuvoton Technology Corp...
N55S016 NUVOTON-N55S016 Datasheet
492Kb / 17P
   16M-BIT Low Voltage, Serial MASK ROM with 50MHz SPI Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com