Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM5220 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # BCM5220
Description  10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY-TM TRANSCEIVER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM5220 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM5220 Datasheet HTML 1Page - Broadcom Corporation. BCM5220 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM5220
®
10/100BASE-TX SINGLE-CHANNEL SIGNI-PHY™ TRANSCEIVER
Embedded 10/100 BASE-TX Application
Power supply: 2.5V or 3.3V
Integrated voltage regulator to allow operation from a single
supply source
Power consumption: <275 mW
Unique energy detection circuit to enable intelligent power
management
Cable length indication
Cable noise level indication
Robust CESD tolerance
Cable length greater than 140 meters
Well under 10 PPM defect ratio quality
±10% voltage tolerance
Industrial temperature range (-40 to 85C°)
MII and 7-wire serial interface configurable
IEEE 1149.1 (JTAG) scan chain support
MII management via serial port
Pin-compatible with BCM5221
10BASE-T/100BASE-TX/FX IEEE 802.3u Fast Ethernet
transceiver
64-pin TQFP or 64-pin BGA package
Provides low power and intelligent power management
• Increased active working time
• Prolonged battery life in active standby
• Increased reliability
Improves ease of use and installation, reduced support cost
• Advanced
cable
diagnostic
features
to
enable
remote
monitoring and debug of cabling infrastructure
• Resistance to CESD to reduce product destruction and product
returns
DSP-based Signi-PHY™ architecture ensures performance
over temperature, voltage and process variation
• Proven in over 400,000,000 Fast Ethernet ports
Enables greater product flexibility with BCM5221 pin-
compatibility
Promotes ease of manufacturing with JTAG support
Includes fully integrated TX/FX PHY transceiver (MII-to-TX
magnetics or FX optics)
• Lower system cost
• Simplified system and board design
FE A T UR E S
SU MM AR Y O F B E N E FI TS
RJ45
Connector
MII
System Bus
Media
Access
Controller
MAC
CPU
Magnetics
Module
SRAM
BCM5220
10/100 BASE-TX
Single-Channel
PHY Transceiver


Similar Part No. - BCM5220

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5220KPB BOARDCOM-BCM5220KPB Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
BCM5220KPT BOARDCOM-BCM5220KPT Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
BCM5220 BOARDCOM-BCM5220_05 Datasheet
1Mb / 90P
   10/100BASE-TX/FX Mini Transceiver
More results

Similar Description - BCM5220

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5221 BOARDCOM-BCM5221 Datasheet
201Kb / 1P
   10/100BASE TX SINGLE CHANNEL SIGNI PHY TRANSCEIVER
logo
List of Unclassifed Man...
AC101L ETC2-AC101L Datasheet
73Kb / 2P
   10/100BASE-TX SINGLE-PHY TRANSCEIVER
logo
Realtek Semiconductor C...
RTL8208B-LF REALTEK-RTL8208B-LF Datasheet
1Mb / 65P
   SINGLE-CHIP OCTAL 10/100BASE-TX/FX PHY TRANSCEIVER
logo
Broadcom Corporation.
BCM5241A1IMLG BOARDCOM-BCM5241A1IMLG Datasheet
166Kb / 2P
   10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5241XA1KMLG BOARDCOM-BCM5241XA1KMLG Datasheet
180Kb / 2P
   10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5241 BOARDCOM-BCM5241 Datasheet
179Kb / 2P
   10/100BASE-TX SINGLE-CHANNEL TRANSCEIVER
BCM5222 BOARDCOM-BCM5222_04 Datasheet
122Kb / 2P
   10/100BASE-TX DUAL-PORT DIGI-PHY TRANSCEIVER
logo
List of Unclassifed Man...
AC101L-PB01-R ETC-AC101L-PB01-R Datasheet
102Kb / 2P
   10 / 100 BASE-TX SINGLE-PHY TRANSCEIVER
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
logo
Teridian Semiconductor ...
78Q2120C TERIDIAN-78Q2120C Datasheet
594Kb / 35P
   10/100BASE-TX Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com