Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTSI008321BL-2-DB Datasheet(PDF) 8 Page - Agere Systems

Part # TTSI008321BL-2-DB
Description  8K x 8K Time-Slot Interchanger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTSI008321BL-2-DB Datasheet(HTML) 8 Page - Agere Systems

Back Button TTSI008321BL-2-DB Datasheet HTML 4Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 5Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 6Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 7Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 8Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 9Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 10Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 11Page - Agere Systems TTSI008321BL-2-DB Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TSI-8
Hardware Design Guide, Revision 1
8K x 8K Time-Slot Interchanger
November 2, 2005
8
8
Agere Systems Inc.
3.3 Ball Types
This table describes each type of input, output, and I/O ball used on the TSI-8.
The dc switching and other electrical characteristics are specified later in this document.
3.4 Ball Definitions
This section describes the function of each of the device balls. The balls are listed by ball name. Package ball numbers are
listed in Table 3-1 of this document. The static parameters (drive currents, switching thresholds, etc.) for each ball type (in-
put, output, etc.) are described in Table 5-1 through Table 5-4.
Table 3-4. Ball Types
Type Label
Description
I
CMOS input, TTL switching thresholds.
I pd
CMOS input, TTL switching thresholds with internal pull-down resistor.
I pu
CMOS input, TTL switching thresholds with internal pull-up resistor.
O
CMOS output.
O od
Open drain output.
I/O
Bidirectional ball; CMOS input with TTL switching thresholds and CMOS output.
None
Analog inputs for external resistors, capacitors, voltage references, etc.
P
Power and ground.
Table 3-5. Timing Port
Ball Name Type
Name/Description
FSYNC
I
Frame Synchronization. This signal indicates the beginning of a 125 µs frame event (8 kHz). The
FSYNC ball can be programmed as active-low or active-high, but its polarity is the same for all concen-
tration highway interfaces (CHI). FSYNC can be sampled on either the positive or negative edge of
CHICLK. Time-slot numbers and bit offsets for each CHI are assigned relative to the detection of
FSYNC.
CHICLK
I
Clock. This is the master synchronous clock for the transmit and receive concentration highways. The
frequency can be 8.192 MHz or 16.384 MHz. It must be at least as fast as the highest CHI data rate.
CKSPD0
I
Clock Speed. Static control input that should be tied according to the frequency of CHICLK. If CHICLK
is connected to an 8.192 MHz source, CKSPD0 should be tied to VSS. If CHICLK is connected to a
16.384 MHz source, CKSPD0 should be tied to VDD33.
CKSPD1
I pd Clock Speed. Reserved, leave disconnected. 20 k
Ω pull-down resistor.
Table 3-6. Transmit and Receive Concentration Highways
Ball Name Type
Name/Description
RXD[31:00] I pd Receive Data [31:00]. Receive concentration highways. These are serial, synchronous data streams
which may be individually programmed to operate at 2.048 Mbits/s, 4.096 Mbits/s, 8.192 Mbits/s, or
16.384 Mbits/s. They carry 32, 64, 128, or 256 time slots (respectively) each occupying eight contiguous
bits. 20 k
Ω pull-down resistor.
TXD[31:00]
I/O Transmit Data [31:00]. Normally these are output concentration highway data streams with data rate
options identical to the RXD inputs. These balls can be configured to operate as bidirectional multiplex
ports such as H.110. Further information can be found in the system design guide. 20 k
Ω resistor
connected to VPRE.


Similar Part No. - TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTSI001161BL-2-DB AGERE-TTSI001161BL-2-DB Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TTSI002321BL-2-DB AGERE-TTSI002321BL-2-DB Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TTSI004321BL-2-DB AGERE-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
More results

Similar Description - TTSI008321BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-1 AGERE-TSI-1 Datasheet
1,012Kb / 61P
   1k x 1k Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
   8K x 8 SRAM
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
   8K x 8 EEPROM
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
   Automotive 8K x 8 SRAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C265 CYPRESS-CY7C265 Datasheet
327Kb / 11P
   8K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com