Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFRA84J13E2 Datasheet(PDF) 11 Page - Agere Systems

Part # TFRA84J13E2
Description  Ultraframer DS3/E3/DS2/E2/DS1/E1/DS0
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TFRA84J13E2 Datasheet(HTML) 11 Page - Agere Systems

Back Button TFRA84J13E2 Datasheet HTML 6Page - Agere Systems TFRA84J13E2 Datasheet HTML 7Page - Agere Systems TFRA84J13E2 Datasheet HTML 8Page - Agere Systems TFRA84J13E2 Datasheet HTML 9Page - Agere Systems TFRA84J13E2 Datasheet HTML 10Page - Agere Systems TFRA84J13E2 Datasheet HTML 11Page - Agere Systems TFRA84J13E2 Datasheet HTML 12Page - Agere Systems TFRA84J13E2 Datasheet HTML 13Page - Agere Systems TFRA84J13E2 Datasheet HTML 14Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product Description, Revision 4
TFRA84J13 Ultraframer
April 29, 2005
DS3/E3/DS2/E2/DS1/E1/DS0
Agere Systems Inc.
11
5.2 Multirate Cross Connect (MRXC)
The multirate cross connect (MRXC) functional block (one
per device) is a crosspoint switch for DS1/J1/E1/DS2/E2
and DS3/E3 signals. The multirate cross connect routes
signals to/from the major functional blocks and external I/O
pins as necessary for each application. The MRXC can
multicast, route test patterns, idles, or alarm conditions to
any channel, and provide system loopbacks.
For DS1/E1 applications, the multirate cross connect can
interconnect up to 84 individual DS1/E1 channels between
the framer, M13/E13 multiplexer, jitter attenuator, or exter-
nal I/O. The external I/O pins support an application-depen-
dent mix of up to 86 DS1/E1* interfaces (allowing for
dedicated protection channels or additional DS1/E1 chan-
nels), 21 DS2 interfaces, or one of four available system
interfaces.
Independent signal paths for remote alarm indication (RAI)
and alarm indication signal (AIS) on channels between the
M13/E13 and the framer are supported.
The multirate cross connect has independent DS2 inter-
faces for the M12 and M23 subblocks of the M13 MUX. Full
split access to the external I/O device pins provides the
capability to add, drop, or rearrange the DS2 signals within
the M13.
The test-pattern generator/monitor functional block (TPG/
TPM) provides test signals and monitors inputs for signals
to/from the multirate cross connect. The TPG can generate
a set of test signals at DS1, E1, and DS2. There is only one
test pattern generator and monitor per signal rate.
The MRXC also provides the interface to the external pins.
The external pins may be configured to work in four modes:
a transport mode, a concentration highway interface (CHI)
mode, a parallel system bus (PSB) mode, and a network
serial multiplexed interface (NSMI) mode. The first mode is
used to provide dedicated access to the device for DS3/E3/
DS2/E2/DS1/E1 signals, and the last three modes are
described below.
Concentration highway interface (serial time-division
multiplex interface) CHI:
— Global frame synchronization.
— Global clock: 8.192 MHz or 16.384 MHz.
— 18 transmit and 18 receive data ports; data rates:
8.192 Mbits/s or 16.384 Mbits/s.
Parallel system bus (parallel time-division multiplex inter-
face/transmit and receive) PSB:
— Global frame synchronization.
— Global clock: 19.44 MHz.
— Data rate: 19.44 Mbits/s.
— 8 bits of data + associated parity bit.
— 4 bits of signaling + 2 bits of signaling control + 1 bit of
parity.
* The 85th and 86th DS1 I/O may only be used for protection channels
with applications in which the other 84 I/O are fixed (see MRXC section
of the Register Description for more information). Otherwise, applica-
tions are practically limited to 84 I/O.
Network serial multiplexed bus (NSMI):
— Framer—NSMI payload assembled/disassembled into
DS1/E1s.
— 6-pin or 8-pin serial interface.
— Transmit and receive clock and data at 51.84 MHz.
— Provides a minimal pin count interface for data and
inverse multiplexing for ATM (IMA) applications with-
out slip
buffers.
5.3 DS1 Digital Jitter Attenuator (DS1/E1 DJA)
The DS1/E1 digital jitter attenuator (DS1/E1 DJA) block
(three per device), contains 28 copies of the digital jitter
attenuator for a total of 84/63 DS1/E1 DJAs. These digital
jitter attenuator functional blocks can operate in two differ-
ent modes: as a DS1 or as an E1 jitter attenuator.
In both modes, the digital jitter attenuator can be provi-
sioned to always operate as a second-order PLL, or it can
switch to act as a first-order PLL during VT pointer adjust-
ments to help meet MTIE requirements. The period of time
in the first-order mode is provisionable. The PLL bandwidth
is provisionable between 0.1 Hz and 0.5 Hz, and the damp-
ing factor for these bandwidths varies between 2 and 0.5 to
accommodate a number of different system constraints.
The DS1/E1 DJA allows automatic pass-through of an AIS
from M13/E13 blocks.
5.4 Test Pattern Generator/Monitor (TPG/TPM)
The test pattern generator/test pattern monitor functional
block (TPG/TPM) consists of a set of configurable test pat-
tern generators and monitors for local self-test, mainte-
nance, and troubleshooting operations.
The TPG feeds one or more DS1/E1/DS2 test signals (via
data, clock, and FS (DS1/E1 only) or AIS signal paths) to
the multirate cross connect, which can redistribute or
broadcast these signals to any valid channel in the framer,
external I/O, or M13/E13 MUX.
Any channel arriving at the multirate cross connect can be
routed to the test monitor. The test monitor can automati-
cally detect/count bit errors in a pseudorandom test
sequence, loss of frame (DS1/E1 only), or loss of synchro-
nization situation. The TPM can provide an interrupt to the
control system, or it can be operated in a polled mode.
Simultaneous testing of DS1, E1, and DS2 signals is sup-
ported with one channel for each.
Supported test patterns are a quasirandom signal (QRSS),
a pseudorandom bit sequence (PRBS23, PRBS20,
PRBS15), alternating zeros/ones, an all-ones pattern, and
a 16-bit user-provisionable pattern.


Similar Part No. - TFRA84J13E2

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TFRA08C13 AGERE-TFRA08C13 Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
TFRA08C13-DB AGERE-TFRA08C13-DB Datasheet
2Mb / 188P
   TFRA08C13 OCTAL T1/E1 Framer
More results

Similar Description - TFRA84J13E2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
   CMOS E2/E3 Framer (E2/E3F)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_07 Datasheet
7Mb / 339P
   28-CHANNEL DS1/E1 FRAMER/LIU WITH DS3 MUX & VT-MAPPER - SONET
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
DS3170 MAXIM-DS3170 Datasheet
1Mb / 233P
   DS3/E3 Single-Chip Transceiver
REV: 101404
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0196-32S XFMRS-XF0196-32S Datasheet
58Kb / 1P
   T3/E3/DS3 QUAD PORT
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
   Bt8330EPJC - DS3/E3 Framer Revision
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com