Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-TTSI001161BL-2-DB Datasheet(PDF) 8 Page - Agere Systems

Part # L-TTSI001161BL-2-DB
Description  1k x 1k Time-Slot Interchanger
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L-TTSI001161BL-2-DB Datasheet(HTML) 8 Page - Agere Systems

Back Button L-TTSI001161BL-2-DB Datasheet HTML 4Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 5Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 6Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 7Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 8Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 9Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 10Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 11Page - Agere Systems L-TTSI001161BL-2-DB Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
TSI-1
Data Sheet, Revision 3
1k x 1k Time-Slot Interchanger
September 21, 2005
8
8
Agere Systems Inc.
2.2 Package Ball Assignments
Table 2-1. Package Ball Assignments in Signal Name Order
Symbol
Ball
Symbol
Ball
Symbol
Ball
Symbol
Ball
Symbol
Ball
ADDR00
A17
DATA13
P18
RXD11
V7
TXD08
F1
VDD15
D13
ADDR01
A16
DATA14
P17
RXD12
T8
TXD09
G3
VDD15
D14
ADDR02
A15
DATA15
P16
RXD13
U8
TXD10
G2
VDD15
G4
ADDR03
A14
DT
H17
RXD14
V8
TXD11
G1
VDD15
H4
ADDR04
A13
FSYNC
T11
RXD15
U9
TXD12
H2
VDD15
L4
ADDR05
A12
HIZ
R17
NC
V9
TXD13
H1
VDD15
M4
ADDR06
A11
INT
H16
NC
V10
TXD14
J2
VDD15
R7
ADDR07
A10
MPUCLK
K15
NC
U10
TXD15
J1
VDD15
R8
ADDR08
A9
PAR0
R18
NC
V11
NC
K1
VDD15
R11
ADDR09
A8
PAR1
P15
NC
U11
NC
K2
VDD15
R12
ADDR10
A7
R/W
J17
NC
V12
NC
L1
VDD33
C9
ADDR11
A6
RESET
H15
NC
U12
NC
L2
VDD33
C10
ADDR12
A5
RSV1
F17
NC
V13
NC
M1
VDD33
C17
ADDR13
A4
RSV2
F18
NC
U13
NC
M2
VDD33
D9
ADDR14
A3
RSV3
E15
NC
V14
NC
N1
VDD33
D10
ADDR15
A2
RSV4
E16
NC
U14
NC
N2
VDD33
E3
AS
J16
RSV5
E17
NC
V15
NC
N3
VDD33
F3
CHICLK
R16
RSV6
D17
NC
U15
NC
P1
VDD33
F15
CKSPD0
E18
RSV7
B18
NC
T15
NC
P2
VDD33
H3
CKSPD1
D16
RSV8
C18
NC
V16
NC
R1
VDD33
J3
CS
J18
RSV9
D18
NC
U16
NC
R2
VDD33
K16
DATA00
K18
RSV10
T18
TCK
G17
NC
T1
VDD33
P3
DATA01
K17
RSV11
V17
TDI
G16
NC
T2
VDD33
R3
DATA02
L18
RXD00
V2
TDO
G18
NC
U1
VDD33
T5
DATA03
L17
RXD01
U3
TMS
G15
VDD15
C5
VDD33
T6
DATA04
L16
RXD02
V3
TRSTN
H18
VDD15
C6
VDD33
T9
DATA05
M18
RXD03
U4
TXD00
B1
VDD15
C7
VDD33
T10
DATA06
M17
RXD04
V4
TXD01
C2
VDD15
C12
VDD33
T14
DATA07
M16
RXD05
U5
TXD02
C1
VDD15
C13
VDD33
T17
DATA08
M15
RXD06
V5
TXD03
D2
VDD15
C14
VDDPLL
R14
DATA09
N18
RXD07
U6
TXD04
D1
VDD15
D5
NC
K3
DATA10
N17
RXD08
V6
TXD05
E2
VDD15
D6
NC
T4
DATA11
N16
RXD09
T7
TXD06
E1
VDD15
D7
VSS
A1
DATA12
N15
RXD10
U7
TXD07
F2
VDD15
D12
VSS
A18


Similar Part No. - L-TTSI001161BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
L-TTSI002321BL-2-DB AGERE-L-TTSI002321BL-2-DB Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
L-TTSI004321BL-2-DB AGERE-L-TTSI004321BL-2-DB Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
L-TTSI008321BL-2-DB AGERE-L-TTSI008321BL-2-DB Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
More results

Similar Description - L-TTSI001161BL-2-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TSI-2 AGERE-TSI-2 Datasheet
1,016Kb / 61P
   2k x 2k Time-Slot Interchanger
TSI-8 AGERE-TSI-8 Datasheet
675Kb / 25P
   8K x 8K Time-Slot Interchanger
TSI-4 AGERE-TSI-4 Datasheet
1,013Kb / 61P
   4k x 4k Time-Slot Interchanger
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
List of Unclassifed Man...
SY10474-3 ETC1-SY10474-3 Datasheet
238Kb / 10P
   1K x 4 ECL RAM
logo
Cypress Semiconductor
CY7C235A CYPRESS-CY7C235A_95 Datasheet
227Kb / 9P
   1K x 8 Registered PROM
CY7C235A CYPRESS-CY7C235A Datasheet
211Kb / 10P
   1K x 8 Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com