Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCK4993KB-DT Datasheet(PDF) 1 Page - Agere Systems

Part # LCK4993KB-DT
Description  Low-Voltage PLL Clock Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LCK4993KB-DT Datasheet(HTML) 1 Page - Agere Systems

  LCK4993KB-DT Datasheet HTML 1Page - Agere Systems LCK4993KB-DT Datasheet HTML 2Page - Agere Systems LCK4993KB-DT Datasheet HTML 3Page - Agere Systems LCK4993KB-DT Datasheet HTML 4Page - Agere Systems LCK4993KB-DT Datasheet HTML 5Page - Agere Systems LCK4993KB-DT Datasheet HTML 6Page - Agere Systems LCK4993KB-DT Datasheet HTML 7Page - Agere Systems LCK4993KB-DT Datasheet HTML 8Page - Agere Systems LCK4993KB-DT Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet, Revision 1
May 5, 2004
LCK4993/LCK4994
Low-Voltage PLL Clock Drivers
1 Features
s
12 MHz—100 MHz (LCK4993), or 24 MHz—200 MHz
(LCK4994) output operation
s
Matched pair output skew <200 ps
s
Zero input-to-output delay
s
18 LVTTL 50% duty-cycle outputs capable of driving
50
Ω terminated lines
s
3.3 V/2.5 V LVTTL/LV differential (LVPECL) fault tolerant
and hot insertable reference inputs
s
Phase adjustments from 625 ps up to 1300 ps steps up
to ±10.4 ns
s
Output divide ratios of (1—6, 8, 10, 12)
s
Multiply ratios of (1—6, 8) x input frequency
s
Individual output bank disable for aggressive power
management and EMI reduction
s
Output high-impedance (HI-Z) option for testing
purposes
s
Fully integrated PLL with lock indicator
s
Single 3.3 V/2.5 V ± 10% supply
s
100-pin TQFP package
s
100-ball FSBGA package
s
Pin-for-pin compatible with CYPRESS® CY7B993V and
CY7B994V
2 Description
The LCK4993 and LCK4994 low-voltage PLL clock drivers
offer user-selectable control over system clock functions.
The multiple-output clock drivers provide the system
integrator with functions necessary to optimize the timing of
high-performance computer and communication systems.
Each of the eighteen configurable outputs drive terminated
transmission lines with impedances as low as 50
Ω while
delivering minimal and specified output skews at LVTTL
levels. The outputs are arranged in five banks. Banks 1—4
allow a divide function of 1 to 12, while simultaneously
allowing phase adjustments in 625 ps—1300 ps increments
up to 10.4 ns. One of the output banks also includes an
independent clock invert function. The feedback bank
consists of two outputs that allow divide-by functionality
from 1 to 12 and limited phase adjustments. Any one of
these eighteen outputs can be connected to the feedback
input or drive other inputs.
Selectable reference input is a fault tolerance feature that
allows smooth change over to the secondary clock source
when the primary clock source is not in operation. The
reference inputs and feedback inputs are configurable to
accommodate both LVTTL or differential (LVPECL) inputs.
The completely integrated PLL reduces jitter and simplifies
board layout.


Similar Part No. - LCK4993KB-DT

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LCK4950 AGERE-LCK4950 Datasheet
215Kb / 16P
   Low-Voltage PLL Clock Driver
LCK4953 AGERE-LCK4953 Datasheet
98Kb / 6P
   Low-Voltage PLL Clock Driver
LCK4972 AGERE-LCK4972 Datasheet
248Kb / 20P
   Low-Voltage PLL Clock Driver
LCK4973 AGERE-LCK4973 Datasheet
295Kb / 16P
   Low-Voltage PLL Clock Driver
More results

Similar Description - LCK4993KB-DT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
   Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
   Low-Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
   LOW VOLTAGE PLL CLOCK DRIVER
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
   Low Voltage PLL Clock Driver
2019
logo
Motorola, Inc
MPC9350 MOTOROLA-MPC9350 Datasheet
282Kb / 12P
   LOW VOLTAGE PLL CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com