Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T7633 Datasheet(PDF) 11 Page - Agere Systems

Part # T7633
Description  Dual T1/E1 3.3 V Short-Haul Terminator
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7633 Datasheet(HTML) 11 Page - Agere Systems

Back Button T7633 Datasheet HTML 7Page - Agere Systems T7633 Datasheet HTML 8Page - Agere Systems T7633 Datasheet HTML 9Page - Agere Systems T7633 Datasheet HTML 10Page - Agere Systems T7633 Datasheet HTML 11Page - Agere Systems T7633 Datasheet HTML 12Page - Agere Systems T7633 Datasheet HTML 13Page - Agere Systems T7633 Datasheet HTML 14Page - Agere Systems T7633 Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 250 page
background image
Device Advisory
August 1999
T7633 Device Advisory Describing Differences
Between Version 1.0 and Version 2.0 of Device
Introduction
This advisory applies only to the T7633 Dual T1/E1 3.3 V Short-Haul Terminator, and it describes the differ-
ences between the two versions of the device.
Data Sheet Changes
Table 148, Framer FDL Control Command Register (FRM_PR21) on page 189 of the May 1998
T7633 Dual
T1/E1 3.3 V Short-Haul Terminator Advance Data Sheet (DS02-244BBAC).
s
In version 1.0 of the device, bit 0 is reserved and must be cleared (write to 0).
s
In version 2.0 of the device, bit 0 = 1 disables the receive frame sync (RFS) output when the receive framer
is in a loss of frame alignment (LFA) state; when bit 0 = 0, the device operates the same as version 1.0 of the
device.
Device Operation Updates
LIU Full Local Loopback (FLLOOP)
In version 1.0 of the device, when FLLOOP is enabled, the device occasionally drops 1s from the data pattern.
This behavior is 1s density dependent, therefore, some data sequences are more sensitive than others.
In version 2.0 of the device, the sensitivity to 1s density no longer occurs.
Microprocessor Interface Timing
In version 1.0 of the device, the LIU alarm status register (LIU_REG0) is clear-on-read (COR) and requires a
modification to the microprocesser interface timing to guarantee proper operation. The timing requirements are
described in the December 1998
T7633 Device Advisory for Version 1.0 of the Device (AY99-007T1E1).
In version 2.0 of the device, the timing modification is no longer required.


Similar Part No. - T7633

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7630 AGERE-T7630 Datasheet
3Mb / 210P
   T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
More results

Similar Description - T7633

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7630 AGERE-T7630 Datasheet
3Mb / 210P
   T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
logo
Integrated Device Techn...
IDT82P2282 IDT-IDT82P2282 Datasheet
2Mb / 383P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82P2282 IDT-IDT82P2282_09 Datasheet
2Mb / 381P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Renesas Technology Corp
IDT82P2282 RENESAS-IDT82P2282 Datasheet
2Mb / 382P
   Dual T1/E1/J1 Long Haul / Short Haul Transceiver
August 20, 2009
logo
Level One
LXT300Z LVL1-LXT300Z Datasheet
519Kb / 20P
   ADVANCED T1/E1 SHORT-HAUL TRANSCEIVERS
logo
Integrated Device Techn...
IDT82P2281 IDT-IDT82P2281 Datasheet
2Mb / 375P
   Single T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2288 IDT-IDT82P2288_08 Datasheet
2Mb / 362P
   Octal T1/E1/J1 Long Haul / Short Haul Transceiver
IDT82V2082 IDT-IDT82V2082 Datasheet
1Mb / 79P
   DUAL CHANNEL T1/E1/J1 LONG HAUL/ SHORT HAUL LINE INTERFACE UNIT
IDT82P2288 IDT-IDT82P2288 Datasheet
1Mb / 384P
   Octal T1/E1/J1 Long Haul Short Haul Transceiver
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
   Quad T1/E1/J1 Long Haul / Short Haul Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com