Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC1534-42 Datasheet(PDF) 1 Page - Agere Systems

Part # PSC1534-42
Description  Lithium-Ion Linear Battery Charger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

PSC1534-42 Datasheet(HTML) 1 Page - Agere Systems

  PSC1534-42 Datasheet HTML 1Page - Agere Systems PSC1534-42 Datasheet HTML 2Page - Agere Systems PSC1534-42 Datasheet HTML 3Page - Agere Systems PSC1534-42 Datasheet HTML 4Page - Agere Systems PSC1534-42 Datasheet HTML 5Page - Agere Systems PSC1534-42 Datasheet HTML 6Page - Agere Systems PSC1534-42 Datasheet HTML 7Page - Agere Systems PSC1534-42 Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Data Sheet
April 2003
PSC1534 Lithium-Ion Linear Battery Charger
Features
s
Low external component count and small footprint
s
Charge termination indication and manual shut-
down using PROG pin
s
Programmable charge current: 200 mA to 800 mA
s
4.1 V or 4.2 V preset voltages
s
Automatic trickle charging at IPROG/10 for heavily
discharged batteries requires no additional exter-
nal components
s
Very low quiescent battery current during shut-
down and standby (charger removed)
s
Charger undervoltage lockout and battery over-
voltage lockout
s
Overcurrent/overtemperature protection
s
Low-profile (1 mm) SOT-23 package
Description
The PSC1534 is a constant-current/constant-voltage
Li-Ion battery charger controller that is functionally
equivalent and performance equivalent to the
LTC®1734. As an enhancement, the PSC1534 also
includes automatic detection and trickle charging of
deeply discharged batteries (VBAT <2.42 V).
The PSC1534 allows charge current programming
using a single external resistor, RPROG. The voltage
on the PROG pin is proportional to the charging cur-
rent at the ISENSE pin, allowing the user to use an
external A/D to monitor charging progress. A low bat-
tery drain (BAT pin) manual shutdown state can be
forced by floating the PROG pin. When the input sup-
ply (VIN) is removed, the PSC1534 enters a very low-
current sleep mode, during which BAT input supply
current is <1
µA.
Applications
s
Any application that requires a compact, low-cost
solution for Li-Ion battery charging
Typical Application
Figure 1. 500 mA Li-Ion Battery Charger
Figure 2. PROG Pin Indicates Charge Status
VIN
5 V
VCC
3
2
RPROG
3 k
4
1
µF
PROG
GND
ISENSE
DRIVE
BAT
PSC1534
1
6
5
FMMT549
IBAT = 500 mA
SINGLE
Li-Ion
BATTERY
10
µF
+
10 k
To A/D
CHARGING
COMPLETE
CHARGING
BEGINS
0 V
1 V
2 V
3 V
4 V
5 V
1.5 V
CONSTANT
VOLTAGE
CONSTANT
CURRENT
VBAT
VPROG


Similar Part No. - PSC1534-42

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC150 POWERBOX-PSC150 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12 POWERBOX-PSC150A12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S12 POWERBOX-PSC150A12S12 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A12S5 POWERBOX-PSC150A12S5 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
PSC150A13.2 POWERBOX-PSC150A13.2 Datasheet
1Mb / 4P
   100 - 240 WATTS DC/DC SINGLE MULTI OUTPUT
More results

Similar Description - PSC1534-42

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
logo
Shenzhen Huazhimei Semi...
HM4051ADR HMSEMI-HM4051ADR Datasheet
1Mb / 13P
   1A Lithium Ion Battery Linear Charger
HM4057F HMSEMI-HM4057F Datasheet
1Mb / 8P
   500mA linear lithium ion battery charger
logo
Guangdong Youtai Semico...
TP4057 UMW-TP4057 Datasheet
618Kb / 8P
   500mA linear lithium-ion battery charger
logo
Linear Technology
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
logo
Advanced Analog Technol...
AAT3682 AAT-AAT3682 Datasheet
373Kb / 18P
   Lithium-Ion/Polymer Linear Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com