Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP16410CG Datasheet(PDF) 91 Page - Agere Systems

Part # DSP16410CG
Description  DSP16410CG Digital Signal Processor
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

DSP16410CG Datasheet(HTML) 91 Page - Agere Systems

Back Button DSP16410CG Datasheet HTML 87Page - Agere Systems DSP16410CG Datasheet HTML 88Page - Agere Systems DSP16410CG Datasheet HTML 89Page - Agere Systems DSP16410CG Datasheet HTML 90Page - Agere Systems DSP16410CG Datasheet HTML 91Page - Agere Systems DSP16410CG Datasheet HTML 92Page - Agere Systems DSP16410CG Datasheet HTML 93Page - Agere Systems DSP16410CG Datasheet HTML 94Page - Agere Systems DSP16410CG Datasheet HTML 95Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 314 page
background image
Data Sheet
May 2003
DSP16410CG Digital Signal Processor
Agere Systems Inc.
Agere Systems—Proprietary
91
Use pursuant to Company instructions
4 Hardware Architecture (continued)
4.13 Direct Memory Access Unit (DMAU) (continued)
4.13.6 Memory-to-Memory Transfer Channels (MMT) (continued)
If source look-ahead is enabled, the DMAU performs the same steps as above except that it initially repeats steps
2—4 multiple times in a pipelined manner. It then performs reads and writes to the source and destination blocks
as access cycles become available. It is strongly recommended that the user enable source look-ahead. See
Section 4.14.7.4 on page 131 for a performance comparison.
The DMAU’s control and address registers determine the data size and location supported by a particular channel
and reflect the status of the request. These MMT channel registers are described in Table 49 on page 91 with
additional detail provided in Section 4.13.2.
Table 49. MMT-Specific Memory-Mapped Registers
The two 16-bit DMAU master control registers, DMCON0 and DMCON1, influence the operation of the MMT chan-
nels. The 32-bit DMAU status register, DSTAT, reflects the status of any MMT transfer. The bit field definition of
the DMAU control and status registers is given in Section 4.13.2.
Register
Type
Size
Description
SADD
4—5
Source
Address
32-bit Prior to each MMT block move, the program must initialize the corresponding
SADD
4—5register with the starting address in memory for the source block (read
data). The DMAU updates the register with the address of the next memory location to
be read by the specified MMT channel as the block move proceeds. Table 37 on
page 77 describes the bit fields of SADD
4—5.
SCNT
4—5
Source
Counter
20-bit This register contains the source row and column counter for the corresponding
channel. The DMAU updates the register as the block move proceeds and automatically
clears the register upon the completion of the block move. The source row (SROW) is
encoded in SCNT
4—5[19:7], and the source column (SCOL) is encoded in
SCNT
4—5[6:0].
Note: SCNT
4—5are not cleared by a reset of the DMAU channel via the DMCON1
register (Table 32 on page 72). Before an MMT channel can be used, the pro-
gram must clear the corresponding SCNT
4—5register after a DSP16410CG
device reset. Otherwise, the value of this register is undefined.
DADD
4—5Destination
Address
32-bit Prior to each MMT block move, the program must initialize the corresponding
DADD
4—5register with the starting address in memory for the destination block (write
data). The DMAU updates the register with the address of the next memory location to
be written by the specified MMT channel as the block move proceeds. Table 37 on
page 77 describes the bit fields of DADD
4—5.
DCNT
4—5Destination
Counter
20-bit This register contains the destination row and column counter for the corresponding
channel. The DMAU updates the register as the block move proceeds and automatically
clears the register upon the completion of the block move. The destination row (DROW)
is encoded in DCNT
4—5[19:7] and the destination column (DCOL) is encoded in
DCNT
4—5[6:0].
Note: DCNT
4—5are not cleared by a reset of the DMAU channel via the DMCON1
register (Table 32 on page 72). Before an MMT channel can be used, the user
program must clear the corresponding DCNT
4—5register after a
DSP16410CG device reset. Otherwise, the value of this register is undefined.
LIM
4—5
Limit
20-bit The user programs LIM
4—5with the last row count and the last column count for both
the source and destination blocks for the corresponding channel. The last row count is
the number of rows minus one and is encoded in the LASTROW field (LIM
4—5[19:7]).
The last column count is the number of columns minus one and is encoded in the LAST-
COL field (LIM
4—5[6:0]). Typically, LASTCOL is zero for a block move.
CTL
4—5
Control
16-bit CTL
4—5controls interrupt generation for both the source and destination block
moves.


Similar Part No. - DSP16410CG

ManufacturerPart #DatasheetDescription
logo
Agere Systems
DSP16410C AGERE-DSP16410C Datasheet
5Mb / 373P
   DSP1629 Digital Signal Processor
More results

Similar Description - DSP16410CG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com