Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

US1881 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. US1881
Description  CMOS MULTI-PURPOSE LATCH
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

US1881 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
US1881
3901001881
Page 4 of 11
Rev. 014
Jun/05
6 Magnetic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating Point
BOP
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
1.0
5.0
9.0
mT
Release Point
BRP
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
-9.0
-5.0
-1.0
mT
Hysteresis
BHYS
E/LUA, E/LSO,Ta=25oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
EUA, ESO, Ta=85oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
KUA, KSO, Ta=125oC,Vdd=3.5 … 24V DC
7.0
10.0
12.0
mT
Operating Point
BOP
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
0.5
5.0
9.5
mT
Release Point
BRP
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
-9.5
-5.0
-0.5
mT
Hysteresis
BHYS
LUA, LSO, Ta=150oC,Vdd=3.5 … 24V DC
6.0
10.0
12.5
mT
Note: 1 mT = 10 Gauss
7 Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage,
which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced
technique possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated
circuitry to be placed in less space. The small chip size also contributes to lower physical stress and less
power consumption.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn