Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M66006P Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M66006P
Description  12-BIT I/O EXPANDER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66006P Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M66006P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66006P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66006P/FP
12-BIT I/O EXPANDER
1
MITSUBISHI
〈DIGITAL ASSP〉
M66006P/FP
12-BIT I/O EXPANDER
DESCRIPTION
The M66006 is a semiconductor integrated circuit which has
12-bit shift register function to execute serial-parallel conver-
sion and parallel-serial conversion.
Because a serial-parallel shift register and a parallel-serial
shift register are independently built in this IC, it is possible to
read serial input data to a shift register while converting par-
allel data into serial data. Also, parallel data I/O pins can be
set to input mode or output mode bit-by-bit.
The M66006 can be widely used for I/O port expansion of
MCU, serial bus system data communication, etc.
FEATURES
• Bi-directional serial data communication with MCU
• Read of serial data during parallel-serial conversion.
• Bit resolution of serial data I/O
• Low power dissipation (50
µW/package max.)
(VCC=5V, Ta=25
°C, in quiescing)
• Schmitt input (DI, CLK, S, CS)
• Open drain output (DO, from D1 to D12)
• Parallel data I/O (from D1 to D12)
• Wide operating supply voltage range (VCC=2 to 6V)
• Wide operating temperature range (Ta =–20 to 75
°C)
APPLICATION
Serial-parallel data conversion, parallel-serial data conver-
sion, serial bus control by MCU.
PIN CONFIGURATION (TOP VIEW)
BLOCK DIAGRAM
Clock input CLK
Serial
data output
Shift register
!
Parallel output latch
Shift register
@
Set input
S
Chip
select input
Serial
data input
DO
D1
DO
D1~D12
D2
D3
D10
D11
D12
D12 D11 D10
D3 D2 D1
D1
DO
D12 D11 D10
D3 D2 D1
Q12 Q11 Q10
Q3 Q2
GND
GND
Q1
Q12 D11 D10
Q3 Q2 Q1
CS
DI
CLK
S
CS
DI
VCC
VCC
VCC
VCC
Input form
Output form
5
3
6
4
2
20
19
18
11
9
8
10
7
1
Outline 20P4
20P2N-A
DO
DI
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
CLK
CS
S
D12
D11
DO ←
DI →
CLK →
CS →
VCC
S →
GND
D12 ↔
D11 ↔
GND
↔ D1
↔ D2
↔ D3
↔ D4
↔ D5
↔ D6
↔ D7
↔ D8
↔ D9
↔ D10
Serial data output
120
219
318
417
516
615
714
813
912
10
11
Serial data input
Clock input
Chip select input
Set input
Parallel data I/O
Parallel data
outputs


Similar Part No. - M66006P

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
More results

Similar Description - M66006P

ManufacturerPart No.DatasheetDescription
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
   12-bit I/O EXPANDER
Renesas Technology Corp
Renesas Technology Corp
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
   12-BIT I/O EXPANDER
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
   12-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
   16-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
   24-BIT I/O EXPANDER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
   16-BIT I/O EXPANDER
Renesas Technology Corp
Renesas Technology Corp
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
   24-BIT I/O EXPANDER
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M66010FP MITSUBISHI-M66010FP Datasheet
65Kb / 5P
   24-BIT I/O EXPANDER
ELAN Microelectronics Corp
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
   I/O EXPANDER
Renesas Technology Corp
Renesas Technology Corp
R8A66152SP RENESAS-R8A66152SP Datasheet
439Kb / 8P
   12-BIT I/O EXPANDER WITH LED DRIVE FUNCTION
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com