Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS9222-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9222-01
Description  Dual Memory Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9222-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9222-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9222-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9222-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9222-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9222-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9222-01 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
ICS9222-01
0274C—11/14/05
Bypass and Test Mode Select
MULT_0 MULT_1 MULT_2
A
B
CLK(1:0)/CL
KB(1:0) w/
REFCLK=
50MHz
CLK(1:0)/CL
KB(1:0) w/
REFCLK=
66MHz
000
4
1
Reserved
267MHz
001
9
2
Reserved
300
0
1
0
6
1
300
400
0
1
1
9
1
450
Reserved
1
0
0
8
3
Reserved
Reserved
1
0
1
16
3
Reserved
356
1
1
0
8
1
400
Reserved
1
1
1
10
1
Reserved
Reserved
PLL Divider Selection and PLL Values (PLLCLK=REFCLK*A/B)
FS0
FS1
FS2
MODE
CLK (1:0)
CLKB (1:0)
000
Normal
CLK
CLKB
0
0
1
Supplier Test
Reserved
Reserved
0
1
0
OE
Tristate
Tristate
0
1
1
OE
Tristate
Tristate
100
Bypass
Non-aligned
CLK
Non-aligned
CLKB
1
0
1
Supplier Test
Reserved
Reserved
1
1
0
Test
REFCLK
REFCLKB
1
1
1
Reserved
Reserved
Reserved


Similar Part No. - ICS9222-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
   Dual Memory Clock Generator
More results

Similar Description - ICS9222-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
   Dual Memory Clock Generator
logo
Integrated Circuit Syst...
ICS2495 ICST-ICS2495 Datasheet
314Kb / 7P
   Dual Video/Memory Clock Generator
ICS90C65 ICST-ICS90C65 Datasheet
360Kb / 10P
   Dual Voltage Video/Memory Clock Generator
logo
List of Unclassifed Man...
CH9294 ETC1-CH9294 Datasheet
199Kb / 6P
   DUAL GRAPHICS CLOCK GENERATOR
logo
Cypress Semiconductor
ICD2051 CYPRESS-ICD2051 Datasheet
134Kb / 8P
   Dual Programmable Clock Generator
logo
Motorola, Inc
MPC9100 MOTOROLA-MPC9100 Datasheet
111Kb / 8P
   DUAL PLL CLOCK GENERATOR
logo
ON Semiconductor
NB3N5573 ONSEMI-NB3N5573_16 Datasheet
86Kb / 8P
   Dual HCSL Clock Generator
July, 2016 ??Rev. 10
logo
Nippon Precision Circui...
SM8707 NPC-SM8707 Datasheet
133Kb / 20P
   Clock Generator with Dual PLLs
logo
ON Semiconductor
NB3N51032 ONSEMI-NB3N51032 Datasheet
290Kb / 13P
   Dual HCSL/LVDS Clock Generator
July, 2014 ??Rev. 1
NB3N51032 ONSEMI-NB3N51032_16 Datasheet
292Kb / 13P
   Dual HCSL/LVDS Clock Generator
April, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com