Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SCD6C60 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part No. SCD6C60
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMIWELL [SemiWell Semiconductor]
Homepage  http://www.semiwellsemi.co.kr
Logo 

SCD6C60 Datasheet(HTML) 2 Page - SemiWell Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VAK = VDRM
TC = 25 °C
TC = 125 °C
10
200
VTM
Peak On-State Voltage (1)
ITM = 9 A
tp=380
1.6
V
IGT
Gate Trigger Current (2)
VAK = 6 V(DC), RL=10 Ω
TC = 25 °C
──
15
mA
VGT
Gate Trigger Voltage (2)
VD = 6 V(DC), RL=10 Ω
TC = 25 °C
──
1.5
V
VGD
Non-Trigger Gate Voltage (1)
VAK = 12 V, RL=100 Ω
TC = 125 °C
0.2
──
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Linear slope up to VD=VDRM 67%,
Gate open
TJ = 125°C
200
V/㎲
IH
Holding Current
IT = 100mA, Gate Open
TC = 25 °C
──
20
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
2.0
°C/W
Rth(j-a)
Thermal Impedance
Junction to Ambient
──
70
°C/W
2/5
Notes :
1. Pulse Width = 1.0 ms , Duty cycle ≤ 1%
2. RGK Current not Included in measurement.
SCD6C60


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
MCR8SSilicon Controlled Rectifiers 1 2 Motorola, Inc
LSCP10C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
S2600BHIGH VOLTAGE MEDIUM CURRENT SILICON CONTROLLED RECTIFIERS 1 2 3 List of Unclassifed Manufacturers
SCN2C60Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 List of Unclassifed Manufacturers
MCK100-6Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
C122A1SILICON CONTROLLED RECTIFIERS 1 2 3 Motorola, Inc
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn