Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCD6C60 Datasheet(PDF) 3 Page - SemiWell Semiconductor

Part # SCD6C60
Description  Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SCD6C60 Datasheet(HTML) 3 Page - SemiWell Semiconductor

  SCD6C60 Datasheet HTML 1Page - SemiWell Semiconductor SCD6C60 Datasheet HTML 2Page - SemiWell Semiconductor SCD6C60 Datasheet HTML 3Page - SemiWell Semiconductor SCD6C60 Datasheet HTML 4Page - SemiWell Semiconductor SCD6C60 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.01
0.1
1
10
Time (sec)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
0
10
1
10
2
125
oC
25
oC
On-State Voltage [V]
012
34
5
40
60
80
100
120
140
160
θ = 180
o
Average On-State Current [A]
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
V
GD(0.2V)
P
G(AV)(0.5W)
P
GM(5W)
V
GM(5V)
25
oC
Gate Current [mA]
Fig 2. Maximum Case Temperature
θ : Conduction Angle
360°
θ
2
ππ
Fig 3. Typical Forward Voltage
Fig 4. Thermal Response
Fig 5. Typical Gate Trigger Voltage vs.
Junction Temperature
Fig 6. Typical Gate Trigger Current vs.
Junction Temperature
3/5
SCD6C60
Fig 1. Gate Characteristics
-50
0
50
100
150
0.1
1
10
Junction Temperature[
oC]


Similar Part No. - SCD6C60

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
SCD6C60 TGS-SCD6C60 Datasheet
68Kb / 1P
   Silicon Controlled Rectifiers
logo
HAOPIN MICROELECTRONICS...
SCD6C60S HAOPIN-SCD6C60S Datasheet
125Kb / 5P
   Blocking voltage to 600 V
More results

Similar Description - SCD6C60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com