Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCK100-8 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # MCK100-8
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

MCK100-8 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  MCK100-8 Datasheet HTML 1Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 2Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 3Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 4Page - SemiWell Semiconductor MCK100-8 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings ( T
J = 25°C unless otherwise specified )
Symbol
Parameter
Condition
Ratings
Units
VDRM
Repetitive Peak Off-State Voltage
600
V
IT(AV)
Average On-State Current
Half Sine Wave : TC = 112 °C
0.5
A
IT(RMS)
R.M.S On-State Current
All Conduction Angle
0.8
A
ITSM
Surge On-State Current
1/2 Cycle, 60Hz, Sine Wave
Non-Repetitive
10
A
I2t
I2t for Fusing
t = 8.3ms
0.415
A2s
PGM
Forward Peak Gate Power Dissipation
TA =25°C, Pulse Width ≤ 1.0
2W
PG(AV)
Forward Average Gate Power Dissipation
TA =25°C, t = 8.3ms
0.1
W
IFGM
Forward Peak Gate Current
1
A
VRGM
Reverse Peak Gate Voltage
5.0
V
TJ
Operating Junction Temperature
- 40 ~ 125
°C
TSTG
Storage Temperature
- 40 ~ 150
°C
MCK100-8
Apr, 2003. Rev. 0
Features
Repetitive Peak Off-State Voltage : 600V
R.M.S On-State Current ( IT(RMS)= 0.8 A )
Low On-State Voltage (1.2V(Typ.)@ ITM)
General Description
Sensitive triggering SCR is suitable for the application where
gate current limited such as small motor control, gate driver
for large SCR, sensing and detecting circuits.
3. Gate
1. Cathode
Symbol
1/5
SemiWell Semiconductor
Sensitive Gate
Silicon Controlled Rectifiers
2. Anode
Copyright@SemiWell Semiconductor Co., Ltd., All rights are reserved.
SOT- 89
1
2
3


Similar Part No. - MCK100-8

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
MCK100-8 WINSEMI-MCK100-8 Datasheet
267Kb / 5P
   Silicon Controlled Rectifiers
logo
Tiger Electronic Co.,Lt...
MCK100-8 TGS-MCK100-8 Datasheet
118Kb / 2P
   SOT-89 Plastic-Encapsulate Transistors
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
More results

Similar Description - MCK100-8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com