Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAMW2V540 Datasheet(PDF) 5 Page - Galaxy Power, Inc.

Part # GAMW2V540
Description  48V Input, 2.5VDC, 40A Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V540 Datasheet(HTML) 5 Page - Galaxy Power, Inc.

  GAMW2V540 Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V540 Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Part No. 02-GAM-03 Rev. 1.0 – 042805
WWW.GALAXYPWR.COM
GAMW2V540 – 5
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
Start Up
1) Vout 1V/div 4mS/div
2) Iout 10A/div
3) Enable 5V/div
CH1
CH2
CH3
Voltage Ripple
1) Vout 20mV/div 2µS/div
10µF ext cap 20MHz BW
Efficiency
92
90
88
86
84
82
80
020
40
Output Current (A)
36V Vin
48V Vin
75V Vin
30
10
15
35
25
5
Power Dissipation
16
14
12
10
8
6
4
2
0
020
30
35
40
Output Current (A)
36V Vin
48V Vin
75V Vin
10
515
25
GAMW2V54o Operation
Transient Response
1) Vout 200mV/div 200µS/div
2) Iout 10A/div
CH2
CH1
Line/Load Regulation
2.60
2.55
2.50
2.45
2.40
010
20
Output Current (A)
36V Vin
48V Vin
75V Vin
15
530
25
35
40
Setpoint Accuracy 0.4360%
Line Regulation 0.0737%
Load Regulation 0.0558%
Line & Load Regulation 0.1057%


Similar Part No. - GAMW2V540

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EET GALAXY-GAMW2V040EET Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EMT GALAXY-GAMW2V040EMT Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040EST GALAXY-GAMW2V040EST Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW2V040MET GALAXY-GAMW2V040MET Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
More results

Similar Description - GAMW2V540

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GAQW2V540 GALAXY-GAQW2V540 Datasheet
804Kb / 7P
   48V Input, 2.5VDC, 40A Output
GAMW2V040 GALAXY-GAMW2V040 Datasheet
971Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAMW1V540 GALAXY-GAMW1V540 Datasheet
978Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW2V040 GALAXY-GAQW2V040 Datasheet
803Kb / 7P
   48V Input, 2.0VDC, 40A Output
GAQW1V540 GALAXY-GAQW1V540 Datasheet
804Kb / 7P
   48V Input, 1.5VDC, 40A Output
GAQW1V240 GALAXY-GAQW1V240 Datasheet
806Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V240 GALAXY-GAMW1V240 Datasheet
978Kb / 7P
   48V Input, 1.2VDC, 40A Output
GAMW1V840 GALAXY-GAMW1V840 Datasheet
985Kb / 7P
   48V Input, 1.8VDC, 40A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GAQW3V330 GALAXY-GAQW3V330 Datasheet
800Kb / 7P
   48V Input, 3.3VDC, 30A Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com