Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GPH5V0-40 Datasheet(PDF) 3 Page - Galaxy Power, Inc.

Part No. GPH5V0-40
Description  HERCULES Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GALAXY [Galaxy Power, Inc.]
Homepage  http://www.galaxypwr.com
Logo 

GPH5V0-40 Datasheet(HTML) 3 Page - Galaxy Power, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Hercules Series, Page 3
Part No. 98–002 Rev. 1.1
WWW.GALAXYPWR.COM
Output Characteristics
Over the complete baseplate temperatures and input voltage ranges.
Parameter
Test Condition
Requirement
Unit
Name
Var
Symbol
Min
Typ
Max
Output Voltage (nominal)
1.5V
VOnom
1.5
Vnom
2.2V
VOnom
2.2
Vnom
3.3V
VOnom
3.3
Vnom
5.0V
VOnom
5.0
Vnom
Rated Output Current
1.5V
IO
VO = VOnom
0–
60/40
A
2.2V
IO
VO = VOnom
0–
60/40
A
3.3V
IO
VO = VOnom
0–
50/40
A
5.0V
IO
VO = VOnom
0–
40/30
A
Initial Output Voltage
Vadj = open, TC = +25°C
-1.25
1.25 %VOnom
Tolerance (with remote sense)
VI = VInom, IO = IOrated/2
Noise and Ripple
20MHzP-P bandwidth,
75
mVP-P
VI=36-72V, IO = 0 amps to 100%
Static Load and
VI=36-72V, IO = 0.2 amps to 100%
±0.25 %VOnom
Line Regulation
Long Term Temperature Drift
-0.5
_
0.5
%V
Voltage Programming
1.5V
VIN = 48V
Vadj = 0.5V
0.30
mV/mV
Slope
VO = VOnom
to 1.5V
± 0.014
2.2V
IO = IOrated/2
0.44
mV/mV
± 0.02
3.3V
0.66
mV/mV
± 0.03
5.0V
1.0
mV/mV
± 0.04
Vadj Initial Tolerance
Vadj = 1.0V
±1.25 %VOnom
Resistance Programming
Radj = 500Ω
-11.7
-8.3
%VOnom
Tolerance
Radj = 1500Ω
+8.3
+11.7 %VOnom
Total Remote Sense
1.5V
VI = VImin, IO = IOmax rated
100
mV
Compensation (round trip)
2.2V
3.3V
500
mV
5V
Output Overvoltage Protection
110
127
%VO
(Latching)
prog.
Output Voltage Protection
TOVP
VO = VOnom, IO = IOrated
–30
µs
Response Time
Note: Overvoltage Protection must function over full programming range. Also, reference for OVP Threshold must be a redundant or equivalent reference.
Specifications


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn