Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GPH5V0-40 Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part No. GPH5V0-40
Description  HERCULES Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GALAXY [Galaxy Power, Inc.]
Homepage  http://www.galaxypwr.com
Logo 

GPH5V0-40 Datasheet(HTML) 1 Page - Galaxy Power, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Hercules Series, Page 1
Part No. 98–002 Rev. 1.1
WWW.GALAXYPWR.COM
The Hercules Series are the highest
performance half brick DC/DC converters in
the industry with:
Output Current up to 60 Amperes
Parallel up to 5 units
Pin Programmable Output Voltage
200 Watts @ 100
° Baseplate
69 Watts/cu. inch
2.4" x 2.4" x 0.4"
Accurate Current Share
Synchronizable
Fixed Frequency Operation
Automatic OVP tracking to Voltage Trim
Output OK signal
UL and CSA approved
Two Year Warranty
HERCULES Series
Control Functions
Remote Sense
Output Enable
Protection Features
Over Temperature Protection
Over Voltage Protection
Over Current Protection
Typical Characteristics
Output Setpoint Accuracy:
±1.25%
Load & Line Regulation:
±0.25%
Noise & Ripple: 75 mVp–p
Long Term Temperature Drift:
±0.5%
Output Trim
Industry's first 60A half brick DC/DC Converter
48V Input, 1.5V, 2.2V, 3.3V or 5.0V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn