Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GPH5V0-40 Datasheet(PDF) 7 Page - Galaxy Power, Inc.

Part No. GPH5V0-40
Description  HERCULES Series
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GALAXY [Galaxy Power, Inc.]
Homepage  http://www.galaxypwr.com
Logo 

GPH5V0-40 Datasheet(HTML) 7 Page - Galaxy Power, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Hercules Series, Page 7
Part No. 98–002 Rev. 1.1
WWW.GALAXYPWR.COM
Output
DC/DC
Converter
RLOAD
Input
+
+
P Enable
Case
In (+)
In (–)
C3
1µF
100V
C4
1µF
100V
C2
1µF
100V
C1
270µF
63V
L1
Common Mode Inductor
C1
270µF, 63V Aluminum Electrolytic Capacitor
C2-C4
1µF, 100V Ceramic capacitor
48V RTN
48V
L1
80
UH
1
2
3
4
In (+)
In (–)
°
°
+
The resistor value in Kohms for the GPH5V0-30 and
GPH5V0-40 is:
(VO – 5.0)
RTRIM = —————— + 1.0K
1.0
Thermal Considerations:
Thermal considerations are an important factor in the
reliable operation of the converter. The maximum
operating baseplate temperature is 100
°C. The
maximum recommended operating baseplate
temperature is 90
°C. The baseplate temperature is a
function of the losses within the converter, the converter
ambient temperature, and airflow across the heat sink.
The reference baseplate temperature is measured at the
center coordinates of the baseplate.
The baseplate temperature can be approximated by the
following equation:
1 –
η
TBASEPLATE = POUTPUT*—————*RBASEPLATE-AMBIENT + TAMBIENT
η
Where:
TBASEPLATE is the temperature of the baseplate.
TAMBIENT is the local ambient temperature around the
converter
η is the efficiency of the converter (see table on page
2)
RBASEPLATE-AMBIENT is the thermal resistance from the
baseplate to the ambient environment. This is a
function of the heat sink and air velocity. See table
on page 5 for thermal resistance characteristics.
Recommended Input Filter, Fuse and Case
Connections: A fuse is required in series with the plus
or minus side of the 48V input to meet safety
requirements. The following input filter circuit is
recommended for all applications. The fuse should be
inserted between the capacitors and the plus or minus
input of the converter. The case should be connected to
the output return.
Application Notes
Paralleling Converters: Two to five converters can be
paralleled as long as the following conditions are met.
When all of the converters are from the same
manufacturer the current share pins must be connected
together and the sync pins may be connected together if
desired.
When converters from different manufacturers are
paralleled, the current share pins must be connected
together and the sync pins must NOT be connected
together.
The maximum output current for paralleled
configurations is shown in the table on page 5.
When a converter fails in a parallel configuration it may
or may not deassert its MODOK_L signal.
It should also be noted that current for the control
circuit in the converter flows through the – SENSE lead.
For this reason it is important to keep the impedance
between the – SENSE pins on the converters in a
parallel configuration low. The best approach is to
connect the – SENSE pins together with as large of an
etch as possible (250 milliohms maximum
recommended) and then run a single set of sense leads
to the remote sense point at the load.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn