Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGPDW5V015RPMRT001 Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # LGPDW5V015RPMRT001
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

LGPDW5V015RPMRT001 Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  LGPDW5V015RPMRT001 Datasheet HTML 1Page - Galaxy Power, Inc. LGPDW5V015RPMRT001 Datasheet HTML 2Page - Galaxy Power, Inc. LGPDW5V015RPMRT001 Datasheet HTML 3Page - Galaxy Power, Inc. LGPDW5V015RPMRT001 Datasheet HTML 4Page - Galaxy Power, Inc. LGPDW5V015RPMRT001 Datasheet HTML 5Page - Galaxy Power, Inc. LGPDW5V015RPMRT001 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dorado, Page 6
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
ORDERING INFORMATION
Standard Model
Output
Max
Efficiency
Number
Voltage
Current
Half Load
Full Load
48V Input Models (Designated W)
GPDW5V015R*
5.0V
15A
TBD
GPDW3V320R*
3.3V
20A
GPDW2V520R*
2.5V
20A
GPDW2V020R*
2.0V
20A
GPDW1V820R*
1.8V
20A
GPDW1V520R*
1.5V
20A
Standard Model
Output
Max
Efficiency
Number
Voltage
Current
Half Load
Full Load
24V Input Models (Designated C)
GPDC5V015R*
5.0V
15A
TBD
GPDC3V320R*
3.3V
20A
GPDC2V520R*
2.5V
20A
GPDC2V020R*
2.0V
20A
GPDC1V820R*
1.8V
20A
GPDC1V520R*
1.5V
20A
* Options:
P=
Positive Logic Version: High = On
M=
0.145" Pins (
±.01")
S=
0.12" Pins (
±.01")
R=
Heatsink Ready
T=
Tuned model**
L=
Low Profile (0.465" height)
Heatsinks optional, consult factory.
**T (Tuned Model) Option
Designed for higher di/dt and
∆I applications,
the transient response has been modified to take
advantage of the capacitance on the customer's
PCB. This unit requires a minimum load
capacitance of 5600
µF with an impedance
magnitude of less than 0.005
Ω at 15kHz. It
offers a minimum 3X improvement in the peak
response compared to a standard unit.
Heatsink Part Numbers
Part
Typical Thermal Performance
Number
Height
Natural Convection
Forced Convection
Power Dissipation*
Thermal Resistance**
001
0.25"
5W
5.8
°C/W
002
0.50"
7W
3.2
°C/W
003
1.00"
11W
2.0
°C/W
004
0.13"
TBD
TBD
*@ 60
°C rise heatsink to ambient
** @ 300'/min.
Ordering Information
Example Part No:
GPDW3V320R
48V Input
3.3V@20A Output
Negative Logic
0.20" Pin Length
Heatsink Ready
Options Code:
GPDW3V320 P S R T 00X L
Part No.
Options:
Positive Logic Version
Optional Pin Lengths
M = 0.145"
S = 0.12"
Heatsink Ready
Tuned Model
Heatsink
Low Profile
Galaxy Power Inc. warrants to the original purchaser that the products conform to this
data sheet and are free from material and workmanship defects for a period of two (2)
years from the date of manufacture, if this product is used within specified conditions.
Galaxy Power Inc. reserves the right to make changes to the product(s) or information
contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such products or
information. For additional details on this limited warranty consult the factory.
© Copyright 2002 Galaxy Power. Specifications subject to change without notice.
155 Flanders Road
Westborough, MA 01581
508-870-9775
Fax: 508-870-9796
e–mail: galaxy@galaxypwr.com
website: http://www.galaxypwr.com


Similar Part No. - LGPDW5V015RPMRT001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LGP05-730B-45CN ETC-LGP05-730B-45CN Datasheet
104Kb / 1P
   NOSE ASSEMBLY
LGP06-730B-45CN ETC-LGP06-730B-45CN Datasheet
104Kb / 1P
   NOSE ASSEMBLY
LGP08-730B-45CN ETC-LGP08-730B-45CN Datasheet
104Kb / 1P
   NOSE ASSEMBLY
logo
Schneider Electric
LGP36250U31X SCHNEIDER-LGP36250U31X Datasheet
122Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3, 250A, 3 poles, 600 V, 18 kA, 80% rated
LGP36400CU31X SCHNEIDER-LGP36400CU31X Datasheet
133Kb / 2P
   Circuit breaker, PowerPact L, Micrologic 3.3, 400A, 3 poles, 600 V, 18 kA, 100% rated
More results

Similar Description - LGPDW5V015RPMRT001

ManufacturerPart #DatasheetDescription
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Bel Fuse Inc.
07LC-10T BEL-07LC-10T Datasheet
154Kb / 6P
   ISOLATED DC/DC CONVERTERS 48V Input / 5V/2A or 12V/1A or 24V/0.5A Output
logo
Galaxy Power, Inc.
GPLW5V060 GALAXY-GPLW5V060 Datasheet
851Kb / 8P
   LEO Series Industry?셲 Highest Current DC/DC Converter. 48V or 24V Input, 250W, 120A Output, 3.3V 90A, 2.5V 100A, 1.8V 120A, 1.5V 120A, 1.2V 120A stan
logo
Power-One
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Bel Fuse Inc.
07LC-25T BEL-07LC-25T Datasheet
150Kb / 7P
   ISOLATED DC/DC CONVERTERS 48V Input 3.3V/7A or 5V/5A or 12V/2.5A Output
logo
C&D Technologies
S020-1220120-FB CANDD-S020-1220120-FB Datasheet
198Kb / 9P
   DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
logo
Bel Fuse Inc.
V7PD-15C BEL-V7PD-15C Datasheet
347Kb / 14P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com